Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2602 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB2602
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2602 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB2602 Datasheet HTML 14Page - Microchip Technology USB2602 Datasheet HTML 15Page - Microchip Technology USB2602 Datasheet HTML 16Page - Microchip Technology USB2602 Datasheet HTML 17Page - Microchip Technology USB2602 Datasheet HTML 18Page - Microchip Technology USB2602 Datasheet HTML 19Page - Microchip Technology USB2602 Datasheet HTML 20Page - Microchip Technology USB2602 Datasheet HTML 21Page - Microchip Technology USB2602 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
USB2601/USB2602
DS00002119A-page 18
 2004 - 2016 Microchip Technology Inc.
6.2
Operating Conditions
Note 6-3
When powering the device, the maximum power supply ramp time should be set at a rate faster than
400 micro seconds. This speed is important to ensure that the device resets properly. Measure rise
time at 10% and 90%.
Parameter
Symbol
MIN
MAX
Units
Comments
Operating Temperature
TA
0
70
°C
*Ambient temperature in still air.
1.8V supply voltage
VDD18,
VDD18PLL
1.62
1.98
V
3.3V supply voltage
VDD33,
VDDA33
3.0
3.6
V
3.3V supply rise time
tRT
0400
s
(See Figure 6-1, "Supply Rise Time Model")
Voltage on XTAL1
-0.3
VDDA33
V
FIGURE 6-1:
SUPPLY RISE TIME MODEL
t10%
10%
90%
Voltage
tRT
t90%
Time
100%
3.3V
VSS
VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com