Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-1 Datasheet(PDF) 90 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 86Page - STMicroelectronics BLUENRG-1 Datasheet HTML 87Page - STMicroelectronics BLUENRG-1 Datasheet HTML 88Page - STMicroelectronics BLUENRG-1 Datasheet HTML 89Page - STMicroelectronics BLUENRG-1 Datasheet HTML 90Page - STMicroelectronics BLUENRG-1 Datasheet HTML 91Page - STMicroelectronics BLUENRG-1 Datasheet HTML 92Page - STMicroelectronics BLUENRG-1 Datasheet HTML 93Page - STMicroelectronics BLUENRG-1 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 173 page
background image
Functional details
BlueNRG-1
90/173
DocID028866 Rev 1
Bit
Field name
Reset
RW
Description
6:4
CAUSE
0x0
R
Abort cause. This field is valid only when the STATUS field
contains the ABORT tag. Others: RESERVED.
000b: NACK_ADDR: The master receives a not-acknowledge
after the transmission of the address. Valid for the operation
MW, MR.
001b: NACK_DATA: The master receives a not-acknowledge
during the data phase of a MW operation. Valid for the
operation MW.
011b: ARB_LOST: The master loses the arbitration during a
MW or MR operation. Valid for the operation MW, MR.
100b: BERR_START: Slave restarts, a START Condition
occurs while the byte transfer is not terminated.
101b: BERR_STOP: Slave Reset, a STOP Condition while the
byte transfer is not terminated.
110b: OVFL: The slave receives a frame related to the WTS
operation longer than the maximum size = 2047 bytes. In this
case the slave device returns a NACK to complete the data
transfer. Valid for WTS operation
8:7
TYPE
0x0
R
Receive type. Valid only for the operation WTS:
00b: FRAME: The slave has received a normal frame.
01b: GCALL: The slave has received a general call. If the it
I2C_CR:SGCM is set to 1, the general call is directly executed
without software intervention and only the control code word is
reported in FIFO (LENGTH =0).
10b: HW_GCALL: The slave has received a hardware general
call.
18:9
LENGTH
0x0
R
Transfer length. For an MR, WTS operation the LENGTH field
defines the actual size of the subsequent payload, in terms of
number of bytes. For an MW, RFS operation the LENGTH
field defines the actual number of bytes transferred by the
master/slave device. For a WTS operation if the transfer
length exceeds 2047 bytes, the operation is stopped by the
slave returning a NACK handshake and the flag OVFL is set.
For an RFS operation if the transfer length exceeds 2047
bytes, the operation continues normally but the LENGTH field
is Reset to 0.
28:
19
RESERVED
0x0
R
RESERVED
29
DUALF
0x0
R
Dual flag (slave mode):
0: Received address matched with slave address (SA7).
1: Received address matched with dual slave address
(DSA7).
Cleared by hardware after a Stop condition or repeated Start
condition, bus error or when PE=0.
31:30
RESERVED
0x0
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com