Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 35Page - STMicroelectronics BLUENRG-1 Datasheet HTML 36Page - STMicroelectronics BLUENRG-1 Datasheet HTML 37Page - STMicroelectronics BLUENRG-1 Datasheet HTML 38Page - STMicroelectronics BLUENRG-1 Datasheet HTML 39Page - STMicroelectronics BLUENRG-1 Datasheet HTML 40Page - STMicroelectronics BLUENRG-1 Datasheet HTML 41Page - STMicroelectronics BLUENRG-1 Datasheet HTML 42Page - STMicroelectronics BLUENRG-1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
39/173
Source
port
width
Destination
port width
Number of
data items
to transfer
(NDT)
Source
content:
address/data
Transfer operations
Destination
content:
address/data
@0x8 /
BBBAB9B8
3: READ
BBBAB9B8[31:0]
@0x8 then WRITE
B0[7:0] @0x2
@0x2 / B8
@0xC /
BFBEBDBC
4: READ
BFBEBDBC[31:0]
@0xC then WRITE
B0[7:0] @0x3
@0x3 / BC
32
16
4
@0x0 /
B3B2B1B0
1: READ
B3B2B1B0[31:0]
@0x0 then WRITE
B1B0[15:0] @0x0
@0x0 / B1B0
@0x4 /
B7B6B5B4
2: READ
B7B6B5B4[31:0]
@0x4 then WRITE
B3B2[15:0] @0x2
@0x2 / B5B4
@0x8 /
BBBAB9B8
3: READ
BBBAB9B8[31:0]
@0x8 then WRITE
B5B4[15:0] @0x4
@0x4 / B9B8
@0xC /
BFBEBDBC
4: READ
BFBEBDBC[31:0]
@0xC then WRITE
B7B6[15:0] @0x6
@0x6 / BDBC
32
32
4
@0x0 /
B3B2B1B0
1: READ
B3B2B1B0[31:0]
@0x0 then WRITE
0000B1B0[31:0]
@0x0
@0x0 /
B3B2B1B0
@0x4 /
B7B6B5B4
2: READ
B7B6B5B4[31:0]
@0x4 then WRITE
0000B3B2[31:0]
@0x4
@0x4 /
B7B6B5B4
@0x8 /
BBBAB9B8
3: READ
BBBAB9B8[31:0]
@0x8 then WRITE
0000B5B4[31:0]
@0x8
@0x8 /
BBBAB9B8
@0xC /
BFBEBDBC
4: READ
BFBEBDBC[31:0]
@0xC then WRITE
0000B7B6[31:0]
@0xC
@0xC /
BFBEBDBC
The DMA is addressed through AHB and can be accessed only with 32-bit access. Any 8-
bit or 16-bit access will generate a hard fault.
When the DMA initiates an AHB byte or halfword write operation, the data are duplicated
on the unused lanes of the HWDATA[31:0] bus. So when the used AHB slave peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com