Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-1 Datasheet(PDF) 42 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 38Page - STMicroelectronics BLUENRG-1 Datasheet HTML 39Page - STMicroelectronics BLUENRG-1 Datasheet HTML 40Page - STMicroelectronics BLUENRG-1 Datasheet HTML 41Page - STMicroelectronics BLUENRG-1 Datasheet HTML 42Page - STMicroelectronics BLUENRG-1 Datasheet HTML 43Page - STMicroelectronics BLUENRG-1 Datasheet HTML 44Page - STMicroelectronics BLUENRG-1 Datasheet HTML 45Page - STMicroelectronics BLUENRG-1 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 173 page
background image
Functional details
BlueNRG-1
42/173
DocID028866 Rev 1
DMA - ISR register description: address offset DMA_BASE_ADDR+0x00
Bit
Field
name
Reset
RW
Description
0
GIF0
0x0
R
Channel 0 global interrupt flag. This bit is set by hardware. It is
cleared by software writing 1 to the corresponding bit in the IFCR
register.
0: No TE, HT or TC event on channel 0.
1: A TE, HT or TC event occurred on channel 0.
1
TCIF0
0x0
R
Channel 0 transfer complete flag. This bit is set by hardware. It is
cleared by software writing 1 to the corresponding bit in the IFCR
register.
0: No transfer complete (TC) on channel 0.
1: A transfer complete (TC) occurred on channel 0.
2
HTIF0
0x0
R
Channel 0 half transfer flag. This bit is set by hardware. It is cleared
by software writing 1 to the corresponding bit in the IFCR register.
0: No half transfer (HT) event on channel 0.
1: A half transfer (HT) event occurred on channel 0.
3
TEIF0
0x0
R
Channel 0 transfer error flag. This bit is set by hardware. It is cleared
by software writing 1 to the corresponding bit in the IFCR register.
0: No transfer error (TE) event on channel 0.
1: A transfer error (TE) occurred on channel 0.
4
GIF1
0x0
R
Channel 1 global interrupt flag. This bit is set by hardware. It is
cleared by software writing 1 to the corresponding bit in the IFCR
register.
0: No TE, HT or TC event on channel 1.
1: A TE, HT or TC event occurred on channel 1.
5
TCIF1
0x0
R
Channel 1 transfer complete flag. This bit is set by hardware. It is
cleared by software writing 1 to the corresponding bit in the IFCR
register.
0: No transfer complete (TC) on channel 1.
1: A transfer complete (TC) occurred on channel 1.
6
HTIF1
0x0
R
Channel 1 half transfer flag. This bit is set by hardware. It is cleared
by software writing 1 to the corresponding bit in the IFCR register.
0: No half transfer (HT) event on channel 1.
1: A half transfer (HT) event occurred on channel 1.
7
TEIF1
0x0
R
Channel 1 transfer error flag. This bit is set by hardware. It is cleared
by software writing 1 to the corresponding bit in the IFCR register.
0: No transfer error (TE) event on channel 1.
1: A transfer error (TE) occurred on channel 1.
8
GIF2
0x0
R
Channel 2 global interrupt flag. This bit is set by hardware. It is
cleared by software writing 1 to the corresponding bit in the IFCR
register.
0: No TE, HT or TC event on channel 2.
1: A TE, HT or TC event occurred on channel 2.
9
TCIF2
0x0
R
Channel 2 transfer complete flag. This bit is set by hardware. It is
cleared by software writing 1 to the corresponding bit in the IFCR
register.
0: No transfer complete (TC) on channel 2.
1: A transfer complete (TC) occurred on channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com