Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 13Page - STMicroelectronics BLUENRG-1 Datasheet HTML 14Page - STMicroelectronics BLUENRG-1 Datasheet HTML 15Page - STMicroelectronics BLUENRG-1 Datasheet HTML 16Page - STMicroelectronics BLUENRG-1 Datasheet HTML 17Page - STMicroelectronics BLUENRG-1 Datasheet HTML 18Page - STMicroelectronics BLUENRG-1 Datasheet HTML 19Page - STMicroelectronics BLUENRG-1 Datasheet HTML 20Page - STMicroelectronics BLUENRG-1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
17/173
3.4.1.2
Active state
In this state:
The high frequency runs on the accurate clock (16 MHz ±50 ppm) provided by the
external XO. The internal fast clock RO oscillator is switched off.
If the external XO is at 32 MHz, some specific programming are needed, see
Section 8.5.3: "Switching to external clock".
3.4.1.3
Standby state
In this state:
Only the digital power supplies necessary to keep the RAM in retention are used.
The wake-up from this low power state is driven by the following sources:
IO9
IO10
IO11
IO12
IO13
If they have been programmed as wake-up source in the system controller registers.
3.4.1.4
Sleep state
In this state:
Only the digital power supplies necessary to keep the RAM in retention are used.
The low frequency oscillator is switched on.
The wake-up from this low power state is driven by the following sources:
IO9
IO10
IO11
IO12
IO13
If they have been programmed as wake-up source in the system controller registers and
from the internal timers of the BLE radio.
3.4.2
Power saving strategy
The application power saving strategy is based on clock stopping, dynamic clock gating,
digital power supply switch off and analog current consumption minimization.
A summary of functional blocks versus the BlueNRG-1 states is provided below.
Table 3: Relationship between BlueNRG-1 states and functional blocks
RESET
STANDBY
SLEEP
Preactive
Active
LOCKRX/
LOCK TX
RX
TX
LDO_SOFT_1V2 or
LDO_SOFT_0V9
OFF
ON
ON
ON
ON
ON
ON
ON
LDO_STRONG_1V2
OFF
OFF
OFF
ON
ON
ON
ON
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com