Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-1 Datasheet(PDF) 40 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 36Page - STMicroelectronics BLUENRG-1 Datasheet HTML 37Page - STMicroelectronics BLUENRG-1 Datasheet HTML 38Page - STMicroelectronics BLUENRG-1 Datasheet HTML 39Page - STMicroelectronics BLUENRG-1 Datasheet HTML 40Page - STMicroelectronics BLUENRG-1 Datasheet HTML 41Page - STMicroelectronics BLUENRG-1 Datasheet HTML 42Page - STMicroelectronics BLUENRG-1 Datasheet HTML 43Page - STMicroelectronics BLUENRG-1 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 173 page
background image
Functional details
BlueNRG-1
40/173
DocID028866 Rev 1
does not support byte or halfword write operations (when HSIZE is not used by the
peripheral) and does not generate any error, the DMA writes the 32 HWDATA bits as
shown in the two examples below:
To write the halfword “0xABCD”, the DMA sets the HWDATA bus to “0xABCDABCD”
with HSIZE = HalfWord
To write the byte “0xAB”, the DMA sets the HWDATA bus to “0xABABABAB” with
HSIZE = Byte
Assuming that the AHB/APB bridge is an AHB 32-bit slave peripheral that does not take the
HSIZE data into account, it will transform any AHB byte or halfword operation into a 32-bit
APB operation in the following manner:
an AHB byte write operation of the data “0xB0” to 0x0 (or to 0x1, 0x2 or 0x3) will be
converted to an APB word write operation of the data “0xB0B0B0B0” to 0x0
an AHB half-
word write operation of the data “0xB1B0” to 0x0 (or to 0x2) will be
converted to an APB word write operation of the data “0xB1B0B1B0” to 0x0
3.7.2.5
Error management
A DMA transfer error can be generated by reading from or writing to a reserved address
space. When a DMA transfer error occurs during a DMA read or a write access, the faulty
channel is automatically disabled through a hardware clear of its EN bit in the
corresponding Channel configuration register (DMA_CCRx). The channel's transfer error
interrupt flag (TEIF) in the ISR register is set and an interrupt is generated if the transfer
error interrupt enable bit (TEIE) in the DMA_CCRx register is set.
3.7.2.6
Interrupts
An interrupt can be produced on a Half-transfer, Transfer complete or Transfer error for
each DMA channel. Separate interrupt enable bits are available for flexibility.
Table 36: DMA interrupt requests
Interrupt event
Event flag
Enable control bit
Half-transfer
HTIF
HTIE
Transfer complete
TCIF
TCIE
Transfer error
TEIF
TEIE
3.7.2.7
DMA request mapping
The eight requests from the peripherals (SPI, I2Cx[1,2] and UART) are multiplexed before
entering DMA with the ADC request. For each channel, the choice between the peripheral
and the ADC is done through the DMA_CONFIG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com