Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWCBLPM1.E1-MXMZ-R Datasheet(PDF) 1 Page - OSRAM GmbH

Part # CWCBLPM1.E1-MXMZ-R
Description  SMD ceramic package with silicone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CWCBLPM1.E1-MXMZ-R Datasheet(HTML) 1 Page - OSRAM GmbH

  CWCBLPM1.E1-MXMZ-R Datasheet HTML 1Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 2Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 3Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 4Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 5Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 6Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 7Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 8Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2015-08-07
1
2015-08-07
CERAMOS Gen 4.H
Datasheet
Version 1.0
CW CBLPM1.E1
Highly efficient lightsource, slim package design
Hocheffiziente Lichtquelle, niedrige Bauteilhöhe
Features:
Besondere Merkmale:
Package: SMD ceramic package with silicone
resin
Gehäusetyp: SMD Keramik Gehäuse mit
Silikonverguss
Technology: ThinGaN (UX:3)
Technologie: ThinGaN (UX:3)
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
Color: Cx = 0.36, Cy = 0.37 acc. to CIE 1931
(white); CRI (typ.) = 82; CRI (min.) = 80
Farbe: Cx = 0.36, Cy = 0.37 nach CIE 1931 (weiß);
CRI (typ.) = 82; CRI (min.) = 80
ESD - withstand voltage: 2 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 2); 8 kV
acc. to IEC 61000-4-2, level 4 (contact discharge)
ESD - Festigkeit: 2 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 2); 8 kV nach IEC 61000-4-2,
level 4 (Kontaktentladung)
Applications
Anwendungen
Camera Flash and Video Light
Blitzlicht für Kameras/ Videoleuchte
Torch Light
Taschenlampe


Similar Part No. - CWCBLPM1.E1-MXMZ-R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CWCBLPM1.E1-MXMZ-R OSRAM-CWCBLPM1.E1-MXMZ-R Datasheet
801Kb / 23P
Camera Flash and Video Light
More results

Similar Description - CWCBLPM1.E1-MXMZ-R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CWCBLPM4.EN-MZNX-R OSRAM-CWCBLPM4.EN-MZNX-R Datasheet
808Kb / 22P
SMD ceramic package with silicone
CWCBLPM4.PU-NXNY-HL OSRAM-CWCBLPM4.PU-NXNY-HL Datasheet
881Kb / 22P
SMD ceramic package with silicone
CWCBLPM4.PW-MXMZ-S1S3 OSRAM-CWCBLPM4.PW-MXMZ-S1S3 Datasheet
854Kb / 22P
SMD ceramic package with silicone
LACN5M-GAHA-24-1 OSRAM-LACN5M-GAHA-24-1 Datasheet
1Mb / 21P
SMD ceramic package with silicone
LUWCJSN OSRAM-LUWCJSN Datasheet
302Kb / 23P
SMD ceramic Package with Silicone resin
LB-CRBP OSRAM-LB-CRBP Datasheet
962Kb / 21P
SMD ceramic package with silicone lens
LCB-CRBP OSRAM-LCB-CRBP Datasheet
1,016Kb / 22P
SMD ceramic package with silicone lens
LJ-CKBP OSRAM-LJ-CKBP Datasheet
1,001Kb / 22P
SMD ceramic package with silicone lens
LT-CQBP OSRAM-LT-CQBP Datasheet
964Kb / 21P
SMD ceramic package with silicone lens
LUW-CN7M OSRAM-LUW-CN7M Datasheet
752Kb / 23P
SMD ceramic package with silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com