Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWCBLPM1.E1-MXMZ-R Datasheet(PDF) 10 Page - OSRAM GmbH

Part # CWCBLPM1.E1-MXMZ-R
Description  SMD ceramic package with silicone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CWCBLPM1.E1-MXMZ-R Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button CWCBLPM1.E1-MXMZ-R Datasheet HTML 6Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 7Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 8Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 9Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 10Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 11Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 12Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 13Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2015-08-07
10
Version 1.0
CW CBLPM1.E1
Relative Forward Voltage 8) page 23
Relative Vorwärtsspannung 8) Seite 23
ΔVF = VF - VF(25 °C) = f(Tj); IF = 1000 mA
Relative Luminous Flux 8) page 23
Relativer Lichtstrom 8) Seite 23
ΦVV(25 °C) = f(Tj); IF = 1000 mA
Chromaticity Coordinate Shift 8) page 23
Farbortverschiebung 8) Seite 23
ΔCx, ΔCy = f(Tj); IF = 1000 mA
CW CBLPM1.E1
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
∆V
F [V]
CW CBLPM1.E1
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φ
v
Φ
v(25°C)
CW CBLPM1.E1
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
: Cx -
: Cy -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com