Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWCBLPM1.E1-MXMZ-R Datasheet(PDF) 11 Page - OSRAM GmbH

Part # CWCBLPM1.E1-MXMZ-R
Description  SMD ceramic package with silicone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CWCBLPM1.E1-MXMZ-R Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button CWCBLPM1.E1-MXMZ-R Datasheet HTML 7Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 8Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 9Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 10Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 11Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 12Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 13Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 14Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Version 1.0
CW CBLPM1.E1
2015-08-07
11
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
Rth JA el = 160 K/W; TA = 25°C; still air; FR4
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
Rth JA el = 160K/W; TA = 85°C; still air; FR4
CW CBLPM1.E1
0
20
40
60
80
T
[°C]
0
50
100
150
200
250
300
350
400
450
500
550
IF [mA]
Do not use below 30 mA
: 160 K/W
: 110 K/W
: 60 K/W
: 18 K/W
Note:
Deratings strongly relate on the boundary conditions of
each individual device:
• The DC-derating on the left represents several thermal
resistance values Rth JA (Junction/Ambient) as
examples.
• The shown pulse-deratings represent just one of
alterative options for use. For further information please
refer to application note „Thermal Management of Flash
LEDs“.
10-5
10-4
10-3
0.01
0.1
1
10
Pulse time
[s]
0.0
0.5
1.0
1.5
2.0
2.5
IF [A]
CW CBLPM1.E1
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005
10-5
10-4
10-3
0.01
0.1
1
10
Pulse time
[s]
0.0
0.5
1.0
1.5
2.0
2.5
IF [A]
CW CBLPM1.E1
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com