Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWCBLPM1.E1-MXMZ-R Datasheet(PDF) 6 Page - OSRAM GmbH

Part # CWCBLPM1.E1-MXMZ-R
Description  SMD ceramic package with silicone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CWCBLPM1.E1-MXMZ-R Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button CWCBLPM1.E1-MXMZ-R Datasheet HTML 2Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 3Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 4Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 5Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 6Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 7Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 8Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 9Page - OSRAM GmbH CWCBLPM1.E1-MXMZ-R Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2015-08-07
6
Version 1.0
CW CBLPM1.E1
Color Chromaticity Groups 4) page 22
Farbortgruppen 4) Seite 22
Chromaticity Coordinate Groups 4) page 22
Farbortgruppen 4) Seite 22
Group
Gruppe
Cx
Cy
R
0.3487
0.3486
0.3526
0.3827
0.3723
0.3653
0.3817
0.4043
4500 K
5000 K
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
Cy
Cx
t.b.d .
2500 K
2700 K
3000 K
3500 K
4000 K
4500 K
5000 K
5500 K
6000 K
6500 K
7000 K
8000 K
9000 K
10000 K
12000 K
14000 K
20000 K
34000 K
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
Cy
Cx
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com