Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2229 Datasheet(PDF) 9 Page - Microchip Technology

Part # USB2229
Description  5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2229 Datasheet(HTML) 9 Page - Microchip Technology

Back Button USB2229 Datasheet HTML 5Page - Microchip Technology USB2229 Datasheet HTML 6Page - Microchip Technology USB2229 Datasheet HTML 7Page - Microchip Technology USB2229 Datasheet HTML 8Page - Microchip Technology USB2229 Datasheet HTML 9Page - Microchip Technology USB2229 Datasheet HTML 10Page - Microchip Technology USB2229 Datasheet HTML 11Page - Microchip Technology USB2229 Datasheet HTML 12Page - Microchip Technology USB2229 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
3.0
BLOCK DIAGRAM
USB 2.0 PHY
( Transciever )
FAST 8051
CPU CORE
Configuration and Control
Clock Generation
SIE
( Serial Interface Engine )
Program Memory/ IO
Bus
Interrupt Controller
Latch phase 0, 2
SIE
Latch phase 3
8051
32 Bit
Osc
Address
Auto address generators
SIE Control Regs
Address
Address
EP0RX_BC
RAMRD_A/B
EP0TX_BC
RAMWR_A/B
32 bit 15MHz Data Bus
CLOCKOUT
24 MHz
2.25KB
SRAM
12K Byte
Scratchpad
SRAM
Memory
Cards
Scratchpad
SRAM (768 Byte)
ECC
Control/
Status
SD
Controller
SD/MMC
Flash Media
Controllers
(FMC)
Control/
Status
MS
Controller
MS/HS MS/MS PRO
Control/
Status
SM
Controller
SM/SSFDC
Control/
Status
CF
Controller
CF
Control/
Status
CRC
MEM/IO Bus
29pins
DATA
DATA
DATA
DATA
CRC
EP1TX_BC
Address
Address
Flash Media DMA Unit
76K ROM
ROMEN
IrDA + 128Byte FIFO
Address
RAMRD_C/D
RAMWR_C/D
Address
Address
Address
EP1RX_BC
64 Bytes EP0TX
64 Bytes EP0RX
64 Bytes EP1TX
64 Bytes EP1RX
512 Bytes EP2 TX/RX Buffer A
512 Bytes EP2 TX/RX Buffer B
512 Bytes EP3 TX/RX Buffer A
512 Bytes EP3 TX/RX Buffer B
IR
Transceiver
60MHz
Data @ 32 bit
15MHz
GPIO
12 pins
PWR_FET0
PWR_FET1
PWR_FET2
GPIO11/CRD_PWR2
GPIO10/CRD_PWR1
GPIO8/CRD_PWR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com