Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2229 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB2229
Description  5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2229 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB2229 Datasheet HTML 7Page - Microchip Technology USB2229 Datasheet HTML 8Page - Microchip Technology USB2229 Datasheet HTML 9Page - Microchip Technology USB2229 Datasheet HTML 10Page - Microchip Technology USB2229 Datasheet HTML 11Page - Microchip Technology USB2229 Datasheet HTML 12Page - Microchip Technology USB2229 Datasheet HTML 13Page - Microchip Technology USB2229 Datasheet HTML 14Page - Microchip Technology USB2229 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2005-2016 Microchip Technology Inc.
DS00002252A-page 11
USB2229/USB2230
5.0
PIN DESCRIPTIONS
This section provides a detailed description of each signal. The signals are arranged in functional groups according to
their associated interface.
The “n” symbol in the signal name indicates that the active, or asserted state occurs when the signal is at a low voltage
level. When “n” is not present before the signal name, the signal is asserted when at the high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working with a mixture of
“active low” and “active high” signal. The term assert, or assertion indicates that a signal is active, independent of
whether that level is represented by a high or low voltage. The term negate, or negation indicates that a signal is inactive.
5.1
Pin Descriptions
TABLE 5-1:
USB2229/USB2230 PIN DESCRIPTIONS
Name
Symbol
Buffer Type
Description
CompactFlash (In True IDE Mode) INTERFACE
CF Chip Select 1
CF_nCS1
O8PU
This pin is the active low chip select 1 signal for the CF
ATA device
CF Chip Select 0
CF_nCS0
O8PU
This pin is the active low chip select 0 signal for the task
file registers of CF ATA device in the True IDE mode.
CF Register Address
2
CF_SA2
O8
This pin is the register select address bit 2 for the CF ATA
device.
CF Register Address
1
CF_SA1
O8
This pin is the register select address bit 1 for the CF ATA
device
CF Register Address
0
CF_SA0
O8
This pin is the register select address bit 0 for the CF ATA
device.
CF Interrupt
CF_IRQ
IPD
This is the active high interrupt request signal from the CF
device.
CF
Data 15-8
CF_D[15:8]
I/O8PD
The bi-directional data signals CF_D15-CF_D8 in True
IDE mode data transfer.
In the True IDE Mode, all of task file register operation
occur on the CF_D[7:0], while the data transfer is on
CF_D[15:0].
The bi-directional data signal has an internal weak pull-
down resistor.
CF
Data7-0
CF_D[7:0]
I/O8PD
The bi-directional data signals CF_D7-CF_D0 in the True
IDE mode data transfer.
In the True IDE Mode, all of task file register operation
occur on the CF_D[7:0], while the data transfer is on
CF_D[15:0].
The bi-directional data signal has an internal weak pull-
down resistor.
IO Ready
CF_IORDY
IPU
This pin is active high input signal.
This pin has an internally controlled weak pull-up resistor.
CF
Card Detection2
CF_nCD2
IPU
This card detection pin is connected to the ground on the
CF device, when the CF device is inserted.
This pin has an internally controlled weak pull-up resistor.
CF
Card Detection1
CF_nCD1
IPU
This card detection pin is connected to ground on the CF
device, when the CF device is inserted.
This pin has an internally controlled weak pull-up resistor.
CF
Hardware Reset
CF_nRESET
O8
This pin is an active low hardware reset signal to CF
device.
CF
IO Read
CF_nIOR
O8
This pin is an active low read strobe signal for CF device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com