Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2229 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB2229
Description  5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2229 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB2229 Datasheet HTML 12Page - Microchip Technology USB2229 Datasheet HTML 13Page - Microchip Technology USB2229 Datasheet HTML 14Page - Microchip Technology USB2229 Datasheet HTML 15Page - Microchip Technology USB2229 Datasheet HTML 16Page - Microchip Technology USB2229 Datasheet HTML 17Page - Microchip Technology USB2229 Datasheet HTML 18Page - Microchip Technology USB2229 Datasheet HTML 19Page - Microchip Technology USB2229 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
USB2229/USB2230
DS00002252A-page 16
 2005-2016 Microchip Technology Inc.
GPIO6, ROMEN,
Memory Address 16
GPIO6/ROMEN/
MA16
IPU
This pin has an internal weak pull-up resistor that is
enabled or disabled by the state of nRESET.
The pull-up is enabled when nRESET is active.
The pull-up is disabled, when the nRESET is inactive
(some clock cycles later, after the rising edge of
nRESET).
The state of this pin is latched internally on the rising
edge of nRESET to determine if internal or external
program memory is used.
The state latched is stored in ROMEN bit of GPIO_IN1
register.
I/O8
After the rising edge of nRESET, this pin may be used as
GPIO6 or RXD.
When pulled low via an external weak pull-down resistor,
an external program memory should be connected to the
memory data bus. The USB2229/USB2230 uses this
external bus for program execution.
When this pin is left unconnected or pulled high by a
weak pull-up resistor, the USB2229/USB2230 uses the
internal ROM for program execution.
I/O8
For Bank Switching support, MA16 addresses the
external 128k memory above the standard 64k range (the
upper 64k is mapped into the 64k addressable ROM
space)
General Purpose I/O
GPIO7
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
General Purpose I/O
Or
Card Power
GPIO8/
CRD_PWR0
I/O8
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
CRD_PWR: Card Power drive of 3.3V @ 100mA.
General Purpose I/O
GPIO9
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
General Purpose I/O
Or
Card Power
GPIO10/
CRD_PWR1
I/O8
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
CRD_PWR: Card Power drive of 3.3V @ 100mA.
General Purpose I/O
Or
Card Power
GPIO11/
CRD_PWR2
I/O8
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
CRD_PWR: Card Power drive of 3.3V @ 200mA.
General Purpose I/O
GPIO12
I/O8
These pins may be used either as input, or output.
RESET input
nRESET
IS
This active low signal is used by the system to reset the
chip. The active low pulse should be at least 1
s wide.
TEST Input
nTEST[1:0]
I
These signals are used for testing the chip. User should
normally tie them high externally, if the test function is not
used.
IrDA
IR MODE
IR_MODE
O8
IR_MODE, declares the operating speed of the IR link.
IR Receive Data or
UART RX
IR_RXD/RX
I
IR_RXD, can be used as IR receiver or as the UART RX
line.
IR Transmit Data or
UART TX
IR_TXD/TX
O8
IR_TXD, can be used as IR transmitter or as the UART
TX line.
DIGITAL POWER, GROUNDS, and NO CONNECTS
1.8v Digital Core
Power
VDD18
+1.8V Core power
All VDD18 pins must be connected together on the circuit
board.
TABLE 5-1:
USB2229/USB2230 PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com