Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2229 Datasheet(PDF) 14 Page - Microchip Technology

Part # USB2229
Description  5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2229 Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB2229 Datasheet HTML 10Page - Microchip Technology USB2229 Datasheet HTML 11Page - Microchip Technology USB2229 Datasheet HTML 12Page - Microchip Technology USB2229 Datasheet HTML 13Page - Microchip Technology USB2229 Datasheet HTML 14Page - Microchip Technology USB2229 Datasheet HTML 15Page - Microchip Technology USB2229 Datasheet HTML 16Page - Microchip Technology USB2229 Datasheet HTML 17Page - Microchip Technology USB2229 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
USB2229/USB2230
DS00002252A-page 14
 2005-2016 Microchip Technology Inc.
Crystal Input/External
Clock Input
XTAL1/
CLKIN
ICLKx
24Mhz Crystal or external 24/48 MHz clock input.
This pin can be connected to one terminal of the crystal
or can be connected to an external 24/48Mhz clock when
a crystal is not used.
Note:
The ‘MA[2:0] pins will be sampled while nRE-
SET is asserted, and the value will be latched
upon nRESET negation. This will determine
the clock source and value.
Crystal Output
XTAL2
OCLKx
24Mhz Crystal
This is the other terminal of the crystal, or left open when
an external clock source is used to drive XTAL1/CLKIN.
It may not be used to drive any external circuitry other
than the crystal circuit.
MEMORY/IO INTERFACE
Memory Data Bus
MD[7:0]
IO8
When ROMEN bit of GPIO_IN1 register = 0, these
signals are used to transfer data between the internal
CPU and the external program memory.
These pins have internally controlled weak pull-up
resistors.
Memory Address Bus
MA[15:3]
O8
These signals address memory locations within the
external memory.
Memory Address Bus
MA3/
TX_POL
I/O8PU
MA3 Addresses memory locations within the external
memory.
During nRESET assertion, TX_POL will select the
operating polarity of the IR LED (active high or active low)
and the weak pull-up resistor will be enabled. When
nRESET is negated, the value on this pin will be internally
latched and this pin will revert to MA3 functionality, the
internal pull-up will be disabled.
Memory Address Bus
MA2/
SEL_CLKDRV
I/O8PD
MA2 Addresses memory locations within the external
memory.
SEL_CLKDRV. During nRESET assertion, this pins will
select the operating clock mode (crystal or externally
driven clock source), and a weak pull-down resistor is
enabled. When nRESET is negated, the value will be
internally latched and this pin will revert to MA2
functionality, the internal pull-down will be disabled.
‘0’ = Crystal operation (24MHz only)
‘1’ = Externally driven clock source (24MHz or 48MHz)
Note:
If the latched value is ‘1’, then the MA2 pin is
tri-stated when the following conditions are
true:
1. IDLE bit (PCON.0) is 1.
2. INT2 is negated
3. SLEEP bit of CLOCK_SEL is 1.
If the latched value is ‘0’, then the MA2 pin will function
identically to the MA[15:3] pins at all times (other than
during nRESET assertion).
TABLE 5-1:
USB2229/USB2230 PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com