Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2229 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB2229
Description  5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2229 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB2229 Datasheet HTML 9Page - Microchip Technology USB2229 Datasheet HTML 10Page - Microchip Technology USB2229 Datasheet HTML 11Page - Microchip Technology USB2229 Datasheet HTML 12Page - Microchip Technology USB2229 Datasheet HTML 13Page - Microchip Technology USB2229 Datasheet HTML 14Page - Microchip Technology USB2229 Datasheet HTML 15Page - Microchip Technology USB2229 Datasheet HTML 16Page - Microchip Technology USB2229 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2005-2016 Microchip Technology Inc.
DS00002252A-page 13
USB2229/USB2230
SM
Card Detection
SM_nCD
IPU
This is the card detection signal from SM device to
indicate if the device is inserted.
This pin has an internally controlled weak pull-up resistor.
MEMORY STICK INTERFACE
MS
Bus State
MS_BS
O8
This pin is connected to the BS pin of the MS device.
It is used to control the Bus States 0, 1, 2 and 3 (BS0,
BS1, BS2 and BS3) of the MS device.
MS
System
Data In/Out
MS_SDIO/MS_D
0
I/O8PD
This pin is a bi-directional data signal for the MS device.
Most significant bit (MSB) of each byte is transmitted first
by either MSC or MS device.
The bi-directional data signal has an internal weak pull-
down resistor.
MS
System
Data In/Out
MS_D[3:1]
I/O8PD
This pin is a bi-directional data signal for the MS device.
The bi-directional data signals have internal weak pull-
down resistors.
MS
Card Insertion
MS_INS
IPU
This pin is the card detection signal from the MS device
to indicate, if the device is inserted.
This pin has an internally controlled weak pull-up resistor.
MS
System CLK
MS_SCLK
O8
This pin is an output clock signal to the MS device.
The clock frequency is software configurable.
SD INTERFACE
SD
Data3-0
SD_DAT[3:0]
I/O8PU
These are bi-directional data signals.
These pins have internally controlled weak pull-up
resistors.
SD Clock
SD_CLK
O8
This is an output clock signal to SD/MMC device.
The clock frequency is software configurable.
SD Command
SD_CMD
I/O8PU
This is a bi-directional signal that connects to the CMD
signal of SD/MMC device.
This pin has an internally controlled weak pull-up resistor.
SD
Write Protected
SD_nWP
IPD
This pin is an input signal with an internal weak pull-
down.
This pin has an internally controlled weak pull-down
resistor.
USB INTERFACE
USB Bus Data
USBDM
USBDP
IO-U
These pins connect to the USB bus data signals.
USB Transceiver Bias
RBIAS
I
A 12.0k
,  1.0% resistor is attached from VSSA to this
pin, in order to set the transceiver’s internal bias currents.
Analog Test
ATEST
AIO
This signal is used for testing the analog section of the
chip and should be connected to VDDA33 for normal
operation.
1.8v PLL Power
VDD18PLL
1.8v Power for the PLL
PLL Ground
Reference
VSSPLL
Ground Reference for 1.8v PLL power
3.3v Analog Power
VDDA33
3.3v Analog Power
Analog Ground
Reference
VSSA
Analog Ground Reference for 3.3v Analog Power.
TABLE 5-1:
USB2229/USB2230 PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com