Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3108 Datasheet(PDF) 39 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 39 Page - Micronas

Back Button VDP3108 Datasheet HTML 35Page - Micronas VDP3108 Datasheet HTML 36Page - Micronas VDP3108 Datasheet HTML 37Page - Micronas VDP3108 Datasheet HTML 38Page - Micronas VDP3108 Datasheet HTML 39Page - Micronas VDP3108 Datasheet HTML 40Page - Micronas VDP3108 Datasheet HTML 41Page - Micronas VDP3108 Datasheet HTML 42Page - Micronas VDP3108 Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
ADVANCE INFORMATION
VDP 3108
MICRONAS INTERMETALL
39
age is generated by a 4 bit R-DAC and uses digital noise
shaping.
Pin 37 – DAC Reference Decoupling/Beam Current
Safety VRD/BCS (Fig. 4–13)
Via this pin the DAC reference voltage is decoupled by
an external capacitance. The DAC output currents de-
pend on this voltage, therefore a pulldown transistor can
be used to shut off all beam currents. A decoupling ca-
pacitor of 3.3
µF//100nF is required.
Pin 39 – Supply Voltage, Analog Backend VSUPO
Pin 40, 42, 44 – Analog RGB Output
ROUT, GOUT,
BOUT (Fig. 4–14)
This are the analog Red/Green/Blue outputs of the back-
end. The outputs sink a current of max. 8mA.
Pin 41, 47, 50 – Ground, Analog Backend GNDO
Pin 43 – Fast Blank Input FBLIN (Fig. 4–12)
This pin is used to switch the RGB outputs to the external
analog RGB inputs.
Pin 45, 51–53 – not connected
Pin 46 – Measurement ADC Input SENSE (Fig. 4–12)
This is the input of the analog digital converter for the
picture and tube measurement.
Pin 48,49 – Range Switch for Meas. ADC, RSW, RSW2
(Fig. 4–9)
These pins are open drain pulldown outputs. RSW is
switched off during cutoff and whitedrive measurement.
RSW2 is switched off during cutoff measurement only.
Pin 54, 60 – Supply Voltage, Clk20 Output VSUPB,
Ground Clk20 Output GNDB.
Pin 55 – Main Clock Output Clk20 (Fig. 4–7)
This is the 20.25 main system clock, that is used by all
circuits in a high-end VDP system. All external timing is
derived from this clock.
Pin 56 – Supply Voltage, Analog Frontend VSUPI
Pin 57 – Chroma Input CIN (Fig. 4–15)
This pin is connected to the S-VHS chroma signal. A re-
sistive divider is used to bias the input signal to the
middle of the converter input range. CIN can only be
connected to the chroma (Video 2) AD converter. The
signal must be AC-coupled.
Pin 58 – Ground, Analog Frontend GNDF
Pin 59,61,63 – Video Input 1–3 VIN1,VIN2,VIN3
(Fig. 4–16)
These are the analog video inputs. A CVBS or S-VHS
luma signal is converted using the luma (Video 1) AD
converter. The VIN1 input can also be switched to the
chroma (Video 2) ADC. The input signal must be AC-
coupled.
Pin 60 – Ground, Clock 20 Buffer, GNDB
Pin 62 – Reference Voltage Top VRT (Fig. 4–17)
Via this pin, the reference voltage for the AD converters
is decoupled. The pin is connected with 10
µF//47 nF to
the Signal Ground Pin.
Pin 64 – Signal Ground for Analog Input ISGND
This is the high quality ground reference for the video
input signals.
Pin 65 – Horizontal Flyback Input HFLB (Fig. 4–12)
This pin is connected to the horizontal flyback pulse from
the horizontal deflection stage. This flyback pulse is
used for synchronization of the display processor and for
generation of the display clock.
Pin 66 – Safety Input SAFETY (Fig. 4–12)
Pin 67 – Vertical Protection Input VPROT (Fig. 4–12)
The vertical protection circuitry prevents the picture tube
from burn-in in the event of a malfunction of the vertical
deflection stage. During vertical blanking, a signal level
of 2.5V is sensed. If a negative edge cannot be detected,
the RGB output signals are blanked.
Pin 68 – Front Sync Pulse FSY (Fig. 4–8)
This pin supplies the front sync information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com