Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3108 Datasheet(PDF) 54 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 54 Page - Micronas

Back Button VDP3108 Datasheet HTML 50Page - Micronas VDP3108 Datasheet HTML 51Page - Micronas VDP3108 Datasheet HTML 52Page - Micronas VDP3108 Datasheet HTML 53Page - Micronas VDP3108 Datasheet HTML 54Page - Micronas VDP3108 Datasheet HTML 55Page - Micronas VDP3108 Datasheet HTML 56Page - Micronas VDP3108 Datasheet HTML 57Page - Micronas VDP3108 Datasheet HTML 58Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
54
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
CRGBIN
External RGB Input Cou-
pling Capacitor
RIN,
GIN,
BIN
15
nF
Clamp Pulse Width
BIN
3.1
µsec
CIN
Input Capacitance
–
–
13
pF
IIL
Input Leakage Current
–0.5
–
0.5
µA
clamping OFF,
VIN –0.3..3V
VCLIP
RGB Input Voltage for
Clipping Current
2
V
VCLAMP
Clamp Level at Input
40
60
80
mV
clamping ON
VINOFF
Offset Level at Input
–10
10
mV
extrapolated from
VIN= 100mV
and 200mV
VINOFF
Offset Level Match at In-
put
–10
10
mV
extrapolated from
VIN=
100mV
and
200mV
RCLAMP
Clamping On–Resistance
–
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com