Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3108 Datasheet(PDF) 21 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 21 Page - Micronas

Back Button VDP3108 Datasheet HTML 17Page - Micronas VDP3108 Datasheet HTML 18Page - Micronas VDP3108 Datasheet HTML 19Page - Micronas VDP3108 Datasheet HTML 20Page - Micronas VDP3108 Datasheet HTML 21Page - Micronas VDP3108 Datasheet HTML 22Page - Micronas VDP3108 Datasheet HTML 23Page - Micronas VDP3108 Datasheet HTML 24Page - Micronas VDP3108 Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
ADVANCE INFORMATION
VDP 3108
MICRONAS INTERMETALL
21
2.6.2. Deflection Processing
The deflection processing generates the signals for the
horizontal and vertical drive (fig. 2–27). This block con-
tains two phase-locked loops:
– PLL2 generates the horizontal and vertical timing.
Phase and frequency are synchronized by the front
sync signal. The Main Sync (MSY) signal that is gener-
ated from PLL2 is a multiplex of all display related data
(fig. 2–28). This signal is intended for use by other pro-
cessors, e.g. a PIP processor can use this signal to ad-
just to a certain display position.
– PLL3 adjusts the phase of the horizontal drive pulse
and compensates for the delay of the horizontal output
stage.
The horizontal drive circuitry uses a digital sine wave
generator to produce the exact (subclock) timing for the
drive pulse. The generator runs at 1 MHz; in the output
stage the frequency is divided down to give drive-pulse
period and width. In standby mode, the output stage is
driven from an internal 1 MHz clock that is derived from
the 20 MHz main clock oscillator and a fixed drive pulse
width is used. When the circuit is switched out of standby
operation the drive pulse width is programmable. The
horizontal drive uses a high voltage (8V) open drain out-
put transistor.
phase
comparator
&
lowpass
PLL2
composite
sync
generator
E/W
correction
sawtooth
PWM
15 bit
CSY
E/W
ouput
V
output
V
flyback
PWM
15 bit
DCO
main
sync
interface
FSY
VDATA
main
sync
generator
vertical
serial
data
phase
comparator
&
lowpass
PLL3
1:64
&
output
stage
H
flyback
H
drive
DCO
display
timing
line
counter
blanking, clamping, etc.
clock & control
sinewave
generator
&
DAC
LPF
Standby clock
Fig. 2–27: Deflection processing block diagram
MSY
M1
M2
(not in scale)
M1
M2
F
V
line
[0]
line
[7]
line
[8]
not
used
Parity
input
analog
video
MSY
not
used
not
used
not
used
not
used
timing reference for PICTURE bus
– chroma multiplex sync
– active picture data after xxx clocks
V:
Vert. blanking
0 = off
1 = on
F:
Field #
0 = Field 1
1 = Field 2
line: Field line #
1...N
Parity
Fig. 2–28: Main sync format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com