Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3108 Datasheet(PDF) 13 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 13 Page - Micronas

Back Button VDP3108 Datasheet HTML 9Page - Micronas VDP3108 Datasheet HTML 10Page - Micronas VDP3108 Datasheet HTML 11Page - Micronas VDP3108 Datasheet HTML 12Page - Micronas VDP3108 Datasheet HTML 13Page - Micronas VDP3108 Datasheet HTML 14Page - Micronas VDP3108 Datasheet HTML 15Page - Micronas VDP3108 Datasheet HTML 16Page - Micronas VDP3108 Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
ADVANCE INFORMATION
VDP 3108
MICRONAS INTERMETALL
13
2.4. Display Processor
In the display processor the conversion from digital
YCrCb to analog RGB is carried out. A block diagram is
shown in figure 2–18. In the luminance processing path
contrast and brightness adjustments and variety of fea-
tures such as black level expansion, dynamic peaking
and soft limiting are provided. In the chrominance path,
the CrCb signals are converted to 20.25 MHz sampling
rate and filtered by a color transient improvement circuit.
The YCrCb signals are converted by a programmable
matrix to RGB color space.
The signals inserted via the YCrCb bus are identified by
their respective priority. The display processor provides
separate control settings for two pictures, i.e. different
coefficients for a ‘main’ and a ‘side’ picture.
The digital RGB insertion circuit allows the insertion of
a 5 bit RGB signal. The color space for this signal is con-
trolled by a programmable color look up table (CLUT)
and contrast adjustment.
The RGB signals and the display clock are synchronized
to the horizontal flyback. For the display clock a gate
delay phase shifter is used. The RGB signals are syn-
chronized by a FIFO. In the analog back-end, three 10-
bit digital-to-analog converters provide the analog out-
put signals.
2.4.1. Contrast Adjustment
The 8 bit luminance input is multiplied by a factor of 0 ...
2 in 64 steps. A 2-bit noise shaping on the result is used
to increase the resolution of the luma signal. Contrast
adjustment is separate for main and side picture.
2.4.2. Black Level Expander
The black level expander enhances the contrast of the
picture. Therefore the luminance signal is modified with
an adjustable, nonlinear function. Dark areas of the pic-
ture are changed to black, while bright areas remain un-
changed. The advantage of this black level expander is
that the black expansion is performed only if there is a
large dynamic range in the video signal and when it will
be most noticeable to the viewer.
The black level expander works adaptively. Depending
on the measured amplitudes ‘Lmin’ and ‘Lmax’ of the low-
pass-filtered luminance and an adjustable coefficient
BTLT, a tilt point ‘Lt’ is being established by
Lt = Lmin + BTLT ( Lmax – Lmin).
Above this value there is no expansion, while all lumi-
nance values below this point are expanded according
to:
Lout = Lin + BAM (Lin – Lt)
A second threshold, Ltr, can be programmed, above
which there is no expansion. The characteristics of the
black level expander are shown in Fig. 2–14 and Fig.
2–15.
The tilt point Lt is a function of the dynamic range of the
video signal. Thus, the black level expansion is only per-
formed when the video signal has a large dynamic
range. Otherwise, the expansion to black is zero. This al-
lows the correction of the characteristics of the picture
tube.
Lin
Lout
Lmin
Lmax
Lt
Ltr
Fig. 2–14: Characteristics of the black
level expander
Ltr
BAM
BTHR
BTLT
a)
Lmin
Lmax
Lt
Lt
b)
Fig. 2–15: Black-level-expansion
a) luminance input
b) luminance output
2.4.3. Dynamic Peaking
Especially with composite input signals and notch filter
luminance separation, it is necessary to improve the lu-
minance frequency characteristics.
In DIGIT3000 the luma response is improved by ‘dynam-
ic’ peaking. The algorithm has been optimized regarding
step and frequency response. It adapts to the amplitude
of the high frequency part. Small amplitudes are en-
hanced while large amplitudes stay nearly unmodified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com