Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3108 Datasheet(PDF) 49 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 49 Page - Micronas

Back Button VDP3108 Datasheet HTML 45Page - Micronas VDP3108 Datasheet HTML 46Page - Micronas VDP3108 Datasheet HTML 47Page - Micronas VDP3108 Datasheet HTML 48Page - Micronas VDP3108 Datasheet HTML 49Page - Micronas VDP3108 Datasheet HTML 50Page - Micronas VDP3108 Datasheet HTML 51Page - Micronas VDP3108 Datasheet HTML 52Page - Micronas VDP3108 Datasheet HTML 53Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
ADVANCE INFORMATION
VDP 3108
MICRONAS INTERMETALL
49
Characteristics, Vertical, East
–West Drive Output
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VO
Output Voltage Range
EW
VERT
0.1
4.9
V
PSSR
Power Supply Rejection
Ratio
VERT
0
dB
Rdacn
R–DAC Output
Resistance
1.0
1.25
1.7
k
Ω
Rdacd
R–DAC Output
Resistance discharge
0.47
0.65
0.8
k
Ω
Characteristics, DAC Reference, BEAM Current Safety Output
at TA = 0 to 65 °C, VSUPO = 4.75 to 5.25 V, f = 20.25 MHz for min./max.–values
at TC = 60 °C, VSUPO = 5 V, f = 20.25 MHz for typical values
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VDACREF
DAC–Ref. Voltage
VRD/
BCS
2.38
2.52
2.67
V
DAC–Ref.–Output resis-
tance
VRD/
BCS
18
25
32
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com