Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11CP22 Datasheet(PDF) 5 Page - Microchip Technology

Part # SST11CP22
Description  5.1-5.9 GHz 802.11ac WLAN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP22 Datasheet(HTML) 5 Page - Microchip Technology

  SST11CP22 Datasheet HTML 1Page - Microchip Technology SST11CP22 Datasheet HTML 2Page - Microchip Technology SST11CP22 Datasheet HTML 3Page - Microchip Technology SST11CP22 Datasheet HTML 4Page - Microchip Technology SST11CP22 Datasheet HTML 5Page - Microchip Technology SST11CP22 Datasheet HTML 6Page - Microchip Technology SST11CP22 Datasheet HTML 7Page - Microchip Technology SST11CP22 Datasheet HTML 8Page - Microchip Technology SST11CP22 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
 2015 Microchip Technology Inc.
DS70005126B-page 5
SST11CP22
3.0
ELECTRICAL SPECIFICATIONS
The AC and DC specifications for the power amplifier
interface signals. Refer to Table 3-2 for the DC voltage
and current specifications. Refer to Figures 4-1 through
4-7 for the RF performance.
Absolute Maximum Stress Ratings
(Applied conditions greater than those listed under “Absolute Maxi-
mum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these conditions or conditions greater than those defined in the operational
sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may
affect device reliability.)
Supply Voltage at pins 18, 19, and 20 (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
Supply voltage to pins 5, 6, and 7 (VPEN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +3.6V
DC supply current (ICC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600 mA
Operating Temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20ºC to +85ºC
Storage Temperature (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +120ºC
Maximum Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150ºC
Maximum Output Power. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 dBm
Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
TABLE 3-1:
OPERATING RANGE
Range
Ambient Temp
VCC
Industrial
-10°C to +85°C
5.0V-6.0V
TABLE 3-2:
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min.
Typ
Max.
Unit
VCC
Supply Voltage
5.0
6.0
V
ICC
Supply Current @ POUT = 20 dBm
370
mA
ICQ
VCC Quiescent Current
320
mA
IOFF
Shutdown Current
2
µA
VPEN
Recommended Enable Voltage
2.85
V
IPEN
Total Enable Current
8
mA
VDET
RF Power Detector Voltage Output Range, 0 to 23 dBm
0.15
1.0
V
Voltage at 20 dBm
0.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com