Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11CP22 Datasheet(PDF) 10 Page - Microchip Technology

Part # SST11CP22
Description  5.1-5.9 GHz 802.11ac WLAN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP22 Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST11CP22 Datasheet HTML 6Page - Microchip Technology SST11CP22 Datasheet HTML 7Page - Microchip Technology SST11CP22 Datasheet HTML 8Page - Microchip Technology SST11CP22 Datasheet HTML 9Page - Microchip Technology SST11CP22 Datasheet HTML 10Page - Microchip Technology SST11CP22 Datasheet HTML 11Page - Microchip Technology SST11CP22 Datasheet HTML 12Page - Microchip Technology SST11CP22 Datasheet HTML 13Page - Microchip Technology SST11CP22 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SST11CP22
DS70005126B-page 10
 2015 Microchip Technology Inc.
FIGURE 4-7:
DETECTOR VOLTAGE VERSUS OUTPUT POWER, VPEN=2.85V
FIGURE 4-8:
TYPICAL SCHEMATIC FOR 802.11a/n/ac APPLICATIONS, VCC=5.0V, VPEN=2.85V
70005126 F10.3
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
1
2
3
4
5
6
7
8
9 101112131415161718192021222324
Output Power (dBm)
5180 MHz
5500 MHz
5850 MHz
70005126 schematic 1.1
2
1
4
3
5
67
8
9
10
14
15
12
13
11
20
19
18
17
16
50
Ω
0.1 µF
RFIN
PEN
DET
50
Ω
RFOUT
VCC
0.1 µF
0.1 µF
10 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com