Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11CP22 Datasheet(PDF) 8 Page - Microchip Technology

Part # SST11CP22
Description  5.1-5.9 GHz 802.11ac WLAN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP22 Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST11CP22 Datasheet HTML 4Page - Microchip Technology SST11CP22 Datasheet HTML 5Page - Microchip Technology SST11CP22 Datasheet HTML 6Page - Microchip Technology SST11CP22 Datasheet HTML 7Page - Microchip Technology SST11CP22 Datasheet HTML 8Page - Microchip Technology SST11CP22 Datasheet HTML 9Page - Microchip Technology SST11CP22 Datasheet HTML 10Page - Microchip Technology SST11CP22 Datasheet HTML 11Page - Microchip Technology SST11CP22 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SST11CP22
DS70005126B-page 8
 2015 Microchip Technology Inc.
FIGURE 4-3:
DYNAMIC EVM VERSUS OUTPUT POWER, 802.11n MCS7-HT40, 40 MHz, 50%
DUTY CYCLE, VPEN=2.85V
FIGURE 4-4:
DYNAMIC EVM VERSUS OUTPUT POWER, 802.11ac MCS9, 80 MHz, 60 µS
PULSE, 50% DUTY CYCLE, VPEN=2.85V
70005126 F5.1
0
1
2
3
4
5
6
7
8
9
10
5
6
7
8
9
101112131415161718192021222324
Output Power (dBm)
5180
5500
5850
70005126 F6.2
0
1
2
3
4
5
6
7
8
9
10
0123456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Output Power (dBm)
5180 MHz
5500 MHz
5850 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com