Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11CP22 Datasheet(PDF) 9 Page - Microchip Technology

Part # SST11CP22
Description  5.1-5.9 GHz 802.11ac WLAN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP22 Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST11CP22 Datasheet HTML 5Page - Microchip Technology SST11CP22 Datasheet HTML 6Page - Microchip Technology SST11CP22 Datasheet HTML 7Page - Microchip Technology SST11CP22 Datasheet HTML 8Page - Microchip Technology SST11CP22 Datasheet HTML 9Page - Microchip Technology SST11CP22 Datasheet HTML 10Page - Microchip Technology SST11CP22 Datasheet HTML 11Page - Microchip Technology SST11CP22 Datasheet HTML 12Page - Microchip Technology SST11CP22 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
 2015 Microchip Technology Inc.
DS70005126B-page 9
SST11CP22
FIGURE 4-5:
INSTANTANEOUS POWER SUPPLY CURRENT VERSUS OUTPUT POWER,
VCC=5.0V, 802.11ac MCS9, 80 MHz, 60 µs PULSE, 50% DUTY CYCLE VPEN=2.85V
FIGURE 4-6:
POWER GAIN VERSUS OUTPUT POWER
70005126 F8.1
200
220
240
260
280
300
320
340
360
380
400
420
440
460
0123456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Output Power (dBm)
5180 MHz
5500 MHz
5850 MHz
70005126 F9.2
16
18
20
22
24
26
28
30
32
34
36
38
40
0123456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Output Power (dBm)
Freq=5.180 GHz
Freq=5.500 GHz
Freq=5.850 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com