Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11CP22 Datasheet(PDF) 1 Page - Microchip Technology

Part # SST11CP22
Description  5.1-5.9 GHz 802.11ac WLAN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP22 Datasheet(HTML) 1 Page - Microchip Technology

  SST11CP22 Datasheet HTML 1Page - Microchip Technology SST11CP22 Datasheet HTML 2Page - Microchip Technology SST11CP22 Datasheet HTML 3Page - Microchip Technology SST11CP22 Datasheet HTML 4Page - Microchip Technology SST11CP22 Datasheet HTML 5Page - Microchip Technology SST11CP22 Datasheet HTML 6Page - Microchip Technology SST11CP22 Datasheet HTML 7Page - Microchip Technology SST11CP22 Datasheet HTML 8Page - Microchip Technology SST11CP22 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
 2015 Microchip Technology Inc.
DS70005126B-page 1
Features
•50Ω input and output match including DC blocks
• Integrated harmonic filter
• Operating voltage: VCC = 5.0V
• Operating frequency: 5.1 to 5.9 GHz
• High linear output power, typical performance:
- 802.11a OFDM Spectrum mask compliant up
to 24 dBm
- 802.11n HT40 OFDM Spectrum mask compliant
up to 23 dBm
- 3% EVM up to 20 dBm for 802.11a, 54 Mbps
signal
- 2.5% EVM up to 19 dBm for 802.11n, HT40
- 1.8% EVM up to 18 dBm for 802.11ac, MCS9,
80 MHz BW (bandwidth) signal
• Gain: Typically 31 dB gain across 5.1–5.9 GHz
• Idle current: Typically ~320 mA ICQ
• High-speed power-up/down
- Turn on/off time (10%-90%) <100 ns
• Shut-down current (~2 µA)
• On-chip power detection
- >20 dB linear dynamic range
- VSWR insensitive
• All devices are RoHS compliant
Applications
• WLAN (IEEE 802.11a/n/ac)
• HyperLAN2
• Multimedia
Product Description
SST11CP22 is a 50Ω, RF-matched Power Amplifier
Module (PAM) with a FCC-compliant, harmonic filter
that is based on the highly-reliable InGaP/GaAs HBT
technology.
Operating over the 5.1–5.9 GHz frequency band,
SST11CP22 meets 802.11a spectrum mask require-
ments up to 24 dBm and 802.11n HT40 spectrum mask
at 23 dBm. With 802.11a modulation, this PA typically
provides up to 20.5 dBm with 3% EVM, and provides
18 dBM with less than 1.8% dynamic EVM using
802.11ac modulation, MCS9, 80 MHz bandwidth.
This power amplifier module also features easy board-level
operation, with a simple application circuit requiring only four
external components. With its high-speed power-up/-down
control, SST11CP22 is controllable directly from the base-
band chip.
SST11CP22 also features a wide dynamic-range, linear
power detector that is temperature-stable and VSWR-
insensitive.
SST11CP22 is offered in 20-contact QFN package. See
Figure 2-1 for pin assignments and Table 2-1 for pin
descriptions.
SST11CP22
5.1-5.9 GHz 802.11ac WLAN Power Amplifier


Similar Part No. - SST11CP22

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
Microchip Technology
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
4.9-5.9 GHz High-Linearity Power Amplifier
08/13
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
SST11CP16 MICROCHIP-SST11CP16 Datasheet
204Kb / 14P
5.1-5.9 GHz High-Linearity Power Amplifier
9/14
SST11CP16-QXCE MICROCHIP-SST11CP16-QXCE Datasheet
204Kb / 14P
5.1-5.9 GHz High-Linearity Power Amplifier
9/14
More results

Similar Description - SST11CP22

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
4.9-5.9 GHz WLAN Linear Power Amplifier Module
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
logo
ANADIGICS, Inc
RFS1003 ANADIGICS-RFS1003 Datasheet
75Kb / 4P
5.1-5.9 GHz U-NII Power Amplifier
05/2003
logo
SIRENZA MICRODEVICES
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3_06 Datasheet
352Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_09 Datasheet
246Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Skyworks Solutions Inc.
SKY85405-11 SKYWORKS-SKY85405-11 Datasheet
171Kb / 2P
High-Power 802.11ac WLAN Power Amplifier
RFX242 SKYWORKS-RFX242 Datasheet
810Kb / 6P
2.4GHz High Power 802.11ac WLAN Linear Power Amplifier
logo
Microchip Technology
SST11CP16 MICROCHIP-SST11CP16 Datasheet
204Kb / 14P
5.1-5.9 GHz High-Linearity Power Amplifier
9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com