Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F413CGU6 Datasheet(PDF) 163 Page - STMicroelectronics

Part # STM32F413CGU6
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413CGU6 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button STM32F413CGU6 Datasheet HTML 159Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 160Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 161Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 162Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 163Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 164Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 165Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 166Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 207 page
background image
DocID029162 Rev 2
163/207
STM32F413xG/H
Electrical characteristics
174
Table 91. Asynchronous multiplexed PSRAM/NOR read timings(1)(2)
1. CL = 30 pF.
2. Based on characterization.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
3 * tHCLK - 1
3 * tHCLK + 1
ns
tv(NOE_NE)
FSMC_NEx low to FSMC_NOE low
2 * tHCLK
2 * tHCLK + 0.5
tw(NOE)
FSMC_NOE low time
tHCLK - 1
tHCLK + 1
th(NE_NOE)
FSMC_NOE high to FSMC_NE high hold
time
0-
tv(A_NE)
FSMC_NEx low to FSMC_A valid
-
0.5
tv(NADV_NE)
FSMC_NEx low to FSMC_NADV low
0
0.5
tw(NADV)
FSMC_NADV low time
tHCLK - 0.5
tHCLK + 1
th(AD_NADV)
FSMC_AD(address) valid hold time after
FSMC_NADV high)
tHCLK + 0.5
-
th(A_NOE)
Address hold time after FSMC_NOE high
tHCLK - 0.5
-
th(BL_NOE)
FSMC_BL time after FSMC_NOE high
0
-
tv(BL_NE)
FSMC_NEx low to FSMC_BL valid
-
0.5
tsu(Data_NE)
Data to FSMC_NEx high setup time
tHCLK - 2
-
tsu(Data_NOE) Data to FSMC_NOE high setup time
tHCLK - 2
-
th(Data_NE)
Data hold time after FSMC_NEx high
0
-
th(Data_NOE) Data hold time after FSMC_NOE high
0
-
Table 92. Asynchronous multiplexed PSRAM/NOR read-NWAIT timings(1)(2)
1. CL = 30 pF.
2. Based on characterization.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
8 * tHCLK - 1
8 * tHCLK + 1
ns
tw(NOE)
FSMC_NWE low time
5 * tHCLK - 1.5 5 * tHCLK + 0.5
tsu(NWAIT_NE)
FSMC_NWAIT valid before FSMC_NEx
high
5 * tHCLK + 1.5
-
th(NE_NWAIT)
FSMC_NEx hold time after
FSMC_NWAIT invalid
4 * tHCLK + 1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com