Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F413CGU6 Datasheet(PDF) 165 Page - STMicroelectronics

Part # STM32F413CGU6
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413CGU6 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32F413CGU6 Datasheet HTML 161Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 162Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 163Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 164Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 165Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 166Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 167Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 168Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 207 page
background image
DocID029162 Rev 2
165/207
STM32F413xG/H
Electrical characteristics
174
Synchronous waveforms and timings
Figure 57 through Figure 60 represent synchronous waveforms and Table 95 through
Table 98 provide the corresponding timings. The results shown in these tables are obtained
with the following FSMC configuration:
•
BurstAccessMode = FSMC_BurstAccessMode_Enable;
•
MemoryType = FSMC_MemoryType_CRAM;
•
WriteBurst = FSMC_WriteBurst_Enable;
•
CLKDivision = 1; (0 is not supported, see the STM32F446 reference manual: RM0390)
•
DataLatency = 1 for NOR Flash; DataLatency = 0 for PSRAM
Table 93. Asynchronous multiplexed PSRAM/NOR write timings(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
4 * THCLK - 1
4 * THCLK + 1
ns
tv(NWE_NE)
FSMC_NEx low to FSMC_NWE low
THCLK - 1
THCLK + 0.5
tw(NWE)
FSMC_NWE low time
2 * THCLK - 0.5 2 * THCLK - 0.5
th(NE_NWE)
FSMC_NWE high to FSMC_NE high hold time
THCLK - 0.5
-
tv(A_NE)
FSMC_NEx low to FSMC_A valid
-
0
tv(NADV_NE) FSMC_NEx low to FSMC_NADV low
0
0.5
tw(NADV)
FSMC_NADV low time
THCLK
THCLK + 1
th(AD_NADV) FSMC_AD(adress) valid hold time after FSMC_NADV high)
THCLK + 0.5
-
th(A_NWE)
Address hold time after FSMC_NWE high
THCLK + 0.5
-
th(BL_NWE)
FSMC_BL hold time after FSMC_NWE high
THCLK - 0.5
-
tv(BL_NE)
FSMC_NEx low to FSMC_BL valid
-
0.5
tv(Data_NADV) FSMC_NADV high to Data valid
-
THCLK + 2.5
th(Data_NWE) Data hold time after FSMC_NWE high
THCLK
-
1. CL = 30 pF.
2. Based on characterization, not tested in production.
Table 94. Asynchronous multiplexed PSRAM/NOR write-NWAIT timings(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
9 * THCLK - 1
9 * THCLK + 1
ns
tw(NWE)
FSMC_NWE low time
7 * THCLK - 0.5 7 * THCLK + 0.5
tsu(NWAIT_NE)
FSMC_NWAIT valid before FSMC_NEx high
6 * THCLK + 2
-
th(NE_NWAIT)
FSMC_NEx hold time after FSMC_NWAIT invalid
4 * THCLK - 1
-
1. CL = 30 pF.
2. Based on characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com