Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3TI-RZ Datasheet(PDF) 5 Page - AIMTEC

Part # AM3TI-RZ
Description  3 Watt | DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3TI-RZ Datasheet(HTML) 5 Page - AIMTEC

  AM3TI-RZ_16 Datasheet HTML 1Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 2Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 3Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 4Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 5Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Series AM3TI-RZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
5 of 6
North America only
Input Reflected Ripple Current Test Circuit
Typical Efficiency Example Charts
0
10
20
30
40
50
60
70
80
90
100
10%
20%
40%
60%
80%
100%
Loading %
AM3TI‐1215S‐RZ Efficiency vs. Loading



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com