Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3TI-RZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM3TI-RZ
Description  3 Watt | DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3TI-RZ Datasheet(HTML) 3 Page - AIMTEC

  AM3TI-RZ_16 Datasheet HTML 1Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 2Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 3Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 4Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 5Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series AM3TI-RZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
3 of 6
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Transient Recovery Time
300
µsec
Transient Deviation
(other models)
(Single output 3.3V)
±3
±5
%
Cross Regulation (Dual)
25% min load one
output & 100% load on
other
±5
%
Temperature Coefficient
±0.02
%/oC
Ripple & Noise *
(other models)
(24V dual Models)
80
100
mV p-p
*- 20MHz Bandwidth measured with 1µf capacitor
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Operating temperature
Derating above 70
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Plastic (UL94V-0 rated)
Weight
13
g
Dimensions (L x W x H)
Tolerance ±0.5 mm or ±0.02 inches
1.25 x 0.80 x 0.40 inches
31.80 x 20.30 x 10.20 mm
MTBF
>800 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
Safety Specifications
Parameters
Agency Approval
CE, UL
Standards
IEC/EN 60950-1
EN 55022 Class A
EN 55024 Class A
IEC61000-4-2, Perf. Criteria A
IEC61000-4-3, Perf. Criteria A
IEC61000-4-4, Perf. Criteria A
IEC61000-4-5, Perf. Criteria A
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A
Pin Out Specifications
Pin
Single
Dual
2
-V Input
-V Input
3
-V Input
-V Input
9
Omitted
Common
11
N.C.
-V Output
14
+V Output
+V Output
16
-V Output
Common
22
+V Input
+V Input
23
+V Input
+V Input



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com