Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3TI-RZ Datasheet(PDF) 6 Page - AIMTEC

Part # AM3TI-RZ
Description  3 Watt | DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3TI-RZ Datasheet(HTML) 6 Page - AIMTEC

  AM3TI-RZ_16 Datasheet HTML 1Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 2Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 3Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 4Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 5Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Series AM3TI-RZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
6 of 6
North America only
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
0
10
20
30
40
50
60
70
80
90
100
10%
20%
40%
60%
80%
100%
Loading %
AM3TI‐2405S‐RZ Efficiency vs. Loading
0
10
20
30
40
50
60
70
80
90
100
10%
20%
40%
60%
80%
100%
Loading %
AM3TI‐4812S‐RZ Efficiency vs. Loading



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com