Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3TI-RZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM3TI-RZ
Description  3 Watt | DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3TI-RZ Datasheet(HTML) 2 Page - AIMTEC

  AM3TI-RZ_16 Datasheet HTML 1Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 2Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 3Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 4Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 5Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series AM3TI-RZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
2 of 6
North America only
Models
Dual output (continued)
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
Max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Input Current
Full Load | No
Load (mA)
Efficiency
(%)
AM3TI-4803D-RZ
36-75
±3.3
±450
1500
±220
81
7
77
AM3TI-4805D-RZ
36-75
±5
±300
1500
±220
78
7
81
AM3TI-4812D-RZ
36-75
±12
±125
1500
±100
78
7
81
AM3TI-4815D-RZ
36-75
±15
±100
1500
±100
78
7
81
AM3TI-4824D-RZ
36-75
±24
±63
1500
±47
81
15
79
AM3TI-1203DH30-RZ
9-18
±3.3
±450
3000
±220
339
10
75
AM3TI-1205DH30-RZ
9-18
±5
±300
3000
±220
325
10
79
AM3TI-1212DH30-RZ
9-18
±12
±125
3000
±100
313
15
81
AM3TI-1215DH30-RZ
9-18
±15
±100
3000
±100
313
20
81
AM3TI-1224DH30-RZ
9-18
±24
±63
3000
±47
319
35
81
AM3TI-2403DH30-RZ
18-36
±3.3
±450
3000
±220
167
7
75
AM3TI-2405DH30-RZ
18-36
±5
±300
3000
±220
160
7
79
AM3TI-2412DH30-RZ
18-36
±12
±125
3000
±100
156
10
81
AM3TI-2415DH30-RZ
18-36
±15
±100
3000
±100
156
15
81
AM3TI-2424DH30-RZ
18-36
±24
±63
3000
±47
158
20
81
AM3TI-4803DH30-RZ
36-75
±3.3
±450
3000
±220
81
7
77
AM3TI-4805DH30-RZ
36-75
±5
±300
3000
±220
78
7
81
AM3TI-4812DH30-RZ
36-75
±12
±125
3000
±100
78
7
81
AM3TI-4815DH30-RZ
36-75
±15
±100
3000
±100
78
7
81
AM3TI-4824DH30-RZ
36-75
±24
±63
3000
±47
81
15
79
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-75
Filter
 (Pi) Network
Startup time
20
ms
Absolute Maximum Rating
12 Vin
24 Vin
48 Vin
25
50
100
VDC
Input Reflected Ripple Current
Refer to
application test
circuit
20
mA p-p
Under Voltage Lockout
12 Vin
24 Vin
48 Vin
(Model On / Off) 8.5 / 7.0
(Model On / Off) 16.5 / 14.5
(Model On / Off) 34.5 / 30.0
VDC
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1500 or 3000
VDC
Resistance
> 1000
MOhm
Capacitance
1000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage Accuracy
±2
%
Voltage Balance
±2
%
Short Circuit Protection
Continuous
Short Circuit Restart
Auto Recovery
Over Load Protection
160% Iout
Line Voltage Regulation
±0.5
%
Load Voltage Regulation
0 – 100% load
±1.2
%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com