Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3TI-RZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM3TI-RZ
Description  3 Watt | DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3TI-RZ Datasheet(HTML) 1 Page - AIMTEC

  AM3TI-RZ_16 Datasheet HTML 1Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 2Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 3Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 4Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 5Page - AIMTEC AM3TI-RZ_16 Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series AM3TI-RZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
1 of 6
North America only
FEATURES:
 No Minimum Load
 Operating Temperature -40 to +85°C
 24 Pin DIP Package
 Input / Output Isolation 1500 or 3000 VDC
 Wide 2:1 Input Range
 Internal EMC Filter Meets EN55022 Class A
 High Efficiency up to 81%
 Over Load Protection
 Continuous Short Circuit Protection
 Input Under Voltage Lockout
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
Max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Input Current
Full Load | No
Load (mA)
Efficiency
(%)
AM3TI-1203S-RZ
9-18
3.3
900
1500
470
339
7
74
AM3TI-1205S-RZ
9-18
5
600
1500
470
325
7
78
AM3TI-1212S-RZ
9-18
12
250
1500
100
313
10
81
AM3TI-1215S-RZ
9-18
15
200
1500
100
313
10
81
AM3TI-1224S-RZ
9-18
24
125
1500
47
316
20
80
AM3TI-2403S-RZ
18-36
3.3
900
1500
470
172
7
73
AM3TI-2405S-RZ
18-36
5
600
1500
470
164
7
77
AM3TI-2412S-RZ
18-36
12
250
1500
100
156
7
81
AM3TI-2415S-RZ
18-36
15
200
1500
100
156
7
81
AM3TI-2424S-RZ
18-36
24
125
1500
47
156
10
81
AM3TI-4803S-RZ
36-75
3.3
900
1500
470
84
7
75
AM3TI-4805S-RZ
36-75
5
600
1500
470
80
7
79
AM3TI-4812S-RZ
36-75
12
250
1500
100
78
7
81
AM3TI-4815S-RZ
36-75
15
200
1500
100
78
7
81
AM3TI-4824S-RZ
36-75
24
125
1500
47
78
7
81
AM3TI-1203SH30-RZ
9-18
3.3
900
3000
470
339
7
74
AM3TI-1205SH30-RZ
9-18
5
600
3000
470
325
7
78
AM3TI-1212SH30-RZ
9-18
12
250
3000
100
313
10
81
AM3TI-1215SH30-RZ
9-18
15
200
3000
100
313
10
81
AM3TI-1224SH30-RZ
9-18
24
125
3000
47
316
20
80
AM3TI-2403SH30-RZ
18-36
3.3
900
3000
470
172
7
73
AM3TI-2405SH30-RZ
18-36
5
600
3000
470
164
7
77
AM3TI-2412SH30-RZ
18-36
12
250
3000
100
156
7
81
AM3TI-2415SH30-RZ
18-36
15
200
3000
100
156
7
81
AM3TI-2424SH30-RZ
18-36
24
125
3000
47
156
10
81
AM3TI-4803SH30-RZ
36-75
3.3
900
3000
470
84
7
75
AM3TI-4805SH30-RZ
36-75
5
600
3000
470
80
7
79
AM3TI-4812SH30-RZ
36-75
12
250
3000
100
78
7
81
AM3TI-4815SH30-RZ
36-75
15
200
3000
100
78
7
81
AM3TI-4824SH30-RZ
36-75
24
125
3000
47
78
7
81
Models
Dual output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
Max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Input Current
Full Load | No
Load (mA)
Efficiency
(%)
AM3TI-1203D-RZ
9-18
±3.3
±450
1500
±220
339
10
74
AM3TI-1205D-RZ
9-18
±5
±300
1500
±220
325
10
78
AM3TI-1212D-RZ
9-18
±12
±125
1500
±100
313
15
81
AM3TI-1215D-RZ
9-18
±15
±100
1500
±100
313
20
81
AM3TI-1224D-RZ
9-18
±24
±63
1500
±47
319
35
80
AM3TI-2403D-RZ
18-36
±3.3
±450
1500
±220
167
7
75
AM3TI-2405D-RZ
18-36
±5
±300
1500
±220
160
7
79
AM3TI-2412D-RZ
18-36
±12
±125
1500
±100
156
10
81
AM3TI-2415D-RZ
18-36
±15
±100
1500
±100
156
15
81
AM3TI-2424D-RZ
18-36
±24
±63
1500
±47
158
20
81
Click on Series name for product info on aimtec.com


Similar Part No. - AM3TI-RZ_16

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
Input / Output Isolation 1500 or 3000 VDC
More results

Similar Description - AM3TI-RZ_16

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
3 Watt | DC-DC Converter
AM3T-RZ AIMTEC-AM3T-RZ Datasheet
278Kb / 4P
3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
3 Watt DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com