Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754ARRL Datasheet(PDF) 37 Page - Analog Devices

Part # ADE7754ARRL
Description  ADE7754
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754ARRL Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE7754ARRL Datasheet HTML 33Page - Analog Devices ADE7754ARRL Datasheet HTML 34Page - Analog Devices ADE7754ARRL Datasheet HTML 35Page - Analog Devices ADE7754ARRL Datasheet HTML 36Page - Analog Devices ADE7754ARRL Datasheet HTML 37Page - Analog Devices ADE7754ARRL Datasheet HTML 38Page - Analog Devices ADE7754ARRL Datasheet HTML 39Page - Analog Devices ADE7754ARRL Datasheet HTML 40Page - Analog Devices ADE7754ARRL Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 37 –
Address
Default
[A5:A0]
Name
R/W*
Length
Value
Description
2Ch
AVRMS
R
24
0
Phase A Voltage channel RMS register.
2Dh
BVRMS
R
24
0
Phase B Voltage channel RMS register.
2Eh
CVRMS
R
24
0
Phase C Voltage channel RMS register.
2Fh
AIRMSOS
R/W
12
0
Phase A Current RMS offset correction register.
30h
BIRMSOS
R / W
12
0
Phase B Current RMS offset correction register.
31h
CIRMSOS
R/W
12
0
Phase C Current RMS offset correction register.
32h
AVRMSOS
R/W
12
0
Phase A Voltage RMS offset correction register.
33h
BVRMSOS
R / W
12
0
Phase B Voltage RMS offset correction register.
34h
CVRMSOS
R/W
12
0
Phase C Voltage RMS offset correction register.
35h
AAPGAIN
R / W
12
0
Phase A Active Power Gain Adjust. The Active Power accu-
mulation of the phase A can be calibrated by writing to this
register. The calibration range is ±50% of the nominal full
scale of the Active Power. The resolution of the gain is
0.0244% / LSB - see Current channel Gain Adjust
36h
BAPGAIN
R / W
12
0
Phase B Active Power Gain Adjust
37h
CAPGAIN
R / W
12
0
Phase C Active Power Gain Adjust
38h
AVGAIN
R / W
12
0
Phase A voltage RMS gain. The Apparent Power accumula-
tion of the phase A can be calibrated by writing to this
register. The calibration range is ±50% of the nominal full
scale of the Apparent Power. The resolution of the gain is
0.0244% / LSB - see Voltage RMS Gain Adjust
39h
BVGAIN
R/W
12
0
Phase B voltage RMS gain
3Ah
CVGAIN
R/W
12
0
Phase C voltage RMS gain
3Bh
Reserved
3Dh
3Eh
CHKSUM
R
8
Check sum register. The content of this register represents
the sum of all ones of the latest register read from the SPI
port.
3Fh
VERSION
R
8
1
Version of the Die
*R/W: Read/Write capability of the register.
R: Read only register.
R/W: Register that can be both read and written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com