Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754ARRL Datasheet(PDF) 3 Page - Analog Devices

Part # ADE7754ARRL
Description  ADE7754
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754ARRL Datasheet(HTML) 3 Page - Analog Devices

  ADE7754ARRL Datasheet HTML 1Page - Analog Devices ADE7754ARRL Datasheet HTML 2Page - Analog Devices ADE7754ARRL Datasheet HTML 3Page - Analog Devices ADE7754ARRL Datasheet HTML 4Page - Analog Devices ADE7754ARRL Datasheet HTML 5Page - Analog Devices ADE7754ARRL Datasheet HTML 6Page - Analog Devices ADE7754ARRL Datasheet HTML 7Page - Analog Devices ADE7754ARRL Datasheet HTML 8Page - Analog Devices ADE7754ARRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
–3–
ADE7754
ADE7754TIMINGCHARACTERISTICS1,2
Parameter
Units
Test Conditions/Comments
Write timing
t1
50
ns (min)
CS
falling edge to first SCLK falling edge
t2
50
ns (min)
SCLK logic high pulse width
t3
50
ns (min)
SCLK logic low pulse width
t4
10
ns (min)
Valid Data Set up time before falling edge of SCLK
t5
5
ns (min)
Data Hold time after SCLK falling edge
t6
400
ns (min)
Minimum time between the end of data byte transfers.
t7
50
ns (min)
Minimum time between byte transfers during a serial write.
t8
100
ns (min)
CS
Hold time after SCLK falling edge.
Read timing
t9
5
4
µs (min)
Minimum time between read command (i.e. a write to Communication
Register) and data read.
t10
50
ns (min)
Minimum time between data byte transfers during a multibyte read.
t11
3
30
ns (min)
Data access time after SCLK rising edge following a write to the
Communications Register
t12
4
100
ns (max)
Bus relinquish time after falling edge of SCLK.
10
ns (min)
t13
4
100
ns (max)
Bus relinquish time after rising edge of CS.
10
ns (min)
SerialReadTiming
Serial Write Timing
CS
SCLK
DIN
A4 A3 A2
A1 A0
DB7
Most Significant Byte
t1
t2 t3
t4
t5
t8
1
DB0
DB7
DB0
t6
Least Significant Byte
t7
t7
0
Command Byte
A5
CS
SCLK
DIN
A4 A3 A2
A1 A0
t1
t11
t12
t9
DB7
DOUT
t13
DB0
DB0
DB7
t10
t14
Most Significant
Byte
Least Significant
Byte
00
Command
Byte
A5
(AVDD = DVDD = 5V ± 5%, AGND = DGND = 0V, On-Chip Reference,
CLKIN = 10MHz XTAL, TMIN to TMAX = -40°C to +85°C)
Figure 1 - Load Circuit for Timing Specifications
200 µA
1.6 mA
IOH
IOL
CL
50pF
TO
OUTPUT
PIN
+2.1V
NOTES
1 Sample tested during initial release and after any redesign or process change that may
affect this parameter. All input signals are specified with tr = tf = 5ns (10% to 90%)
and timed from a voltage level of 1.6V.
2 See timing diagram below and Serial Interface section of this data sheet.
3 Measured with the load circuit in Figure 1 and defined as the time required for the
output to cross 0.8V or 2.4V.
4 Derived from the measured time taken by the data outputs to change 0.5V when
loaded with the circuit in Figure 1. The measured number is then extrapolated back
to remove the effects of charging or discharging the 50pF capacitor. This means that
the time quoted in the timing characteristics is the true bus relinquish time of the
part and is independent of the bus loading.
5Minimum time between read command and data read for all registers
except WAVFORM register. For WAVFORM register t9=500ns min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com