Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754ARRL Datasheet(PDF) 14 Page - Analog Devices

Part # ADE7754ARRL
Description  ADE7754
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754ARRL Datasheet(HTML) 14 Page - Analog Devices

Back Button ADE7754ARRL Datasheet HTML 10Page - Analog Devices ADE7754ARRL Datasheet HTML 11Page - Analog Devices ADE7754ARRL Datasheet HTML 12Page - Analog Devices ADE7754ARRL Datasheet HTML 13Page - Analog Devices ADE7754ARRL Datasheet HTML 14Page - Analog Devices ADE7754ARRL Datasheet HTML 15Page - Analog Devices ADE7754ARRL Datasheet HTML 16Page - Analog Devices ADE7754ARRL Datasheet HTML 17Page - Analog Devices ADE7754ARRL Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 14 –
In addition to the MASK bits, the Zero crossing detection
interrupt of each phase is enabled/disabled by setting the
ZXSEL bits of the MMODE register (Addr. 0x0B) to logic
one or zero respectively.
Zero crossing Time out
Each zero crossing detection has an associated internal time-
out register (not accessible to the user). This unsigned,
16-bit register is decremented (1 LSB) every 384/CLKIN
seconds. The registers are reset to a common user pro-
grammed value -i.e. Zero Cross Time Out register
(ZXTOUT, Addr. 0x12) every time a zero crossing is
detected on its associated input. The default value of ZXTOUT
is FFFFh. If the internal register decrements to zero before
a zero crossing at the corresponding input is detected, it
indicates an absence of a zero crossing in the time determined
by the ZXTOUT. The ZXTO detection bit of the corre-
sponding phase in the Interrupt Status Register is then
switched on (bit 4-6). An active-low on the IRQ output will
also appear if the SAG mask bit for the corresponding phase
in the Interrupt Mask register is set to logic one.
In addition to the MASK bits, the Zero crossing Time out
detection interrupt of each phase is enabled/disabled by
setting the ZXSEL bits of the MMODE register (Addr.
0x0B) to logic one or zero respectively. When the zero
crossing Time out detection is disabled by this method, the
ZXTO flag of the corresponding phase is switched ON all the
time.
Figure 13 shows the mechanism of the zero crossing time out
detection when the line voltage A stays at a fixed DC level for
more than CLKIN/384 x ZXTOUT seconds.
Voltage
channel A
ZXTOA
detection bit
ZXTOUT
16-bit internal
register value
Figure 13 - Zero crossingTime out detection
PERIOD MEASUREMENT
The ADE7754 provides also the period measurement of the
line voltage. The period is measured on the phase specified
by bit 0-1 of the MMODE register. The period register is an
unsigned 15-bit register and is updated every period of the
selected phase. Bit 0-1 and bit 4-6 of the MMODE register
select the phase for the period measurement, both selection
should indicate the same phase. The ZXSEL bits of the
MMODE register (bit 4-6) enable the phases on which the
Period measurement can be done. The PERDSEL bits select
the phase for Period measurement within the phases selected
by the ZXSEL bits.
The resolution of this register is 2.4
µs/LSB when
CLKIN=10MHz, which represents 0.014% when the line
frequency is 60Hz. When the line frequency is 60Hz, the
value of the Period register is approximately 6944d. The
length of the register enables the measurement of line
frequencies as low as 12.7Hz.
LINE VOLTAGE SAG DETECTION
The ADE7754 can be programmed to detect when the
absolute value of the line voltage of any phase drops below a
certain peak value, for a number of half cycles. Each phase of
the voltage channel is controlled simultaneously. This con-
dition is illustrated in Figure 14 below.
SAGCYC[7:0] = 06h
6 half cycles
SAGLVL[7:0]
Full Scale
VAP, VBP, or VCP
SAG Interrupt Flag
(Bit 1 to 3 of STATUS register)
SAG event reset low
when voltage channel
exceeds SAGLVL[7:0]
Read RSTATUS register
Figure 14 – ADE7754 Sag detection
Figure 14 shows a line voltage falling below a threshold
which is set in the Sag Level register (SAGLVL[7:0]) for
nine half cycles. Since the Sag Cycle register indicates a 6
half-cycle threshold (SAGCYC[7:0]=06h), the SAG event is
recorded at the end of the sixth half-cycle by setting the SAG
flag of the corresponding phase in the Interrupt status register
(bit 1 to 3 in the Interrupt Status register). If the SAG enable
bit is set to logic one for this phase (bit 1 to 3 in the Interrupt
Mask register), the IRQ logic output will go active low - see
ADE7754 Interrupts. All the phases are compared to the same
parameters defined in the SAGLVL and SAGCYC registers.
Sag Level Set
The content of the Sag Level register (1 byte) is compared to
the absolute value of the most significant byte output from the
voltage channel ADC. Thus, for example, the nominal
maximum code from the voltage channel ADC
with a full
scale signal is 28F5h —see Voltage Channel Sampling.
Therefore, writing 28h to the Sag Level register will put the
sag detection level at full scale and set the SAG detection to
its most sensitive value.
Writing 00h will put the Sag detection level at zero. The
detection of a decrease of an input voltage is in this case
hardly possible. The detection is made when the content of
the SAGLVL register is greater than the incoming sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com