Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754ARRL Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7754ARRL
Description  ADE7754
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754ARRL Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7754ARRL Datasheet HTML 15Page - Analog Devices ADE7754ARRL Datasheet HTML 16Page - Analog Devices ADE7754ARRL Datasheet HTML 17Page - Analog Devices ADE7754ARRL Datasheet HTML 18Page - Analog Devices ADE7754ARRL Datasheet HTML 19Page - Analog Devices ADE7754ARRL Datasheet HTML 20Page - Analog Devices ADE7754ARRL Datasheet HTML 21Page - Analog Devices ADE7754ARRL Datasheet HTML 22Page - Analog Devices ADE7754ARRL Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 19 –
ACTIVE POWER CALCULATION
Electrical power is defined as the rate of energy flow from
source to load. It is given by the product of the voltage and
current waveforms. The resulting waveform is called the
instantaneous power signal and it is equal to the rate of energy
flow at every instant of time. The unit of power is the watt or
joules/sec. Equation 5 gives an expression for the instanta-
neous power signal in an ac system.
v(t)
t
=
2V sin(
)
ω
(3)
i(t)
t
=
2I sin(
)
ω
(4)
where V = rms voltage, I = rms current.
p(t)
v(t)
i(t)
=
×
p(t)
2 t
= VI - VI cos(
)
ω
(5)
The average power over an integral number of line cycles (n)
is given by the expression in Equation 6.
P =
1
nT
p(t)dt=VI
0
nT
(6)
where T is the line cycle period.
P is referred to as the Active or Real Power. Note that the
active power is equal to the DC component of the instanta-
neous power signal p(t) in Equation 5 , i.e., VI. This is the
relationship used to calculate active power in the ADE7754
for each phase. The instantaneous power signal p(t) is
generated by multiplying the current and voltage signals in
each phase. The DC component of the instantaneous power
signal in each phase (A, B and C) is then extracted by LPF2
(Low Pass Filter) to obtain the active power information on
each phase. This process is illustrated graphically on Figure
20. In a polyphase system, the total electrical power is simply
the sum of the real power in all active phases. The different
solutions available to process the total active power are
discussed in the following paragraph.
Voltage
Current
Instantaneous
Power Signal
Active Real Power
Signal = V x I
V. I.
00000h
1A36E2Eh
D1B717h
)
sin(
2
t
I
i(t)
ω
=
)
sin(
2
t
V
v(t)
ω
=
)
2
cos(
t
I
V
I
V
p(t)
ω
×
×
=
Figure 20– Active Power Calculation
Voltage RMS Gain Adjust
The Voltage Gain register (AVGAIN[11:0], BVGAIN and
CVGAIN) have an effect on the Apparent Power and voltage
rms values. It is not recommended to calibrate the voltage
rms measurements with these registers. The conversion of
the voltage rms registers values to Volts has to be done in an
external Micro-controller with a specific Volt/LSB constant
for each phase - see Calibration of a 3-phase meter based on the
ADE7754. Due to gain mismatches between phases, the
calibration of the Volt/LSB constant has to be done for each
phase separately. One point calibration is sufficient for this
calibration. The Voltage Gain registers are aimed to ease the
calibration of the apparent energy calculation in MODE 1
and 2 of the VAMODE register.
If the VGAIN registers are used for Apparent Power calibra-
tion (VAMOD bits in VAMode register = 1 or 2), the voltage
rms values are changed by Voltage Gain register value as
described in the expression below:
Voltage RMS
gister Phase A
RMS
AVGAIN
Re
+


1
2
12
For example, when 7FFh is written to the Voltage Gain
register, the ADC output is scaled up by +50%. 7FFh =
2047d, 2047/2
12 = 0.5. Similarly, 800h = -2047 Dec (signed
2’s Complement) and ADC output is scaled by –50%. These
two examples are illustrated graphically in Figure 19.
Voltage RMS offset compensation
The ADE7754 incorporates a voltage RMS offset compen-
sation for each phase (AVRMSOS, BVRMSOS and
CVRMSOS). These are 12-bit 2-complement signed regis-
ters which can be used to remove offsets in the voltage RMS
calculations. An offset may exist in the RMS calculation due
to input noises and offsets in the input samples. The offset
calibration allows the contents of the VRMS registers to be
maintained at zero when no voltage is applied.
n LSB of the Voltage RMS offset are equivalent to 64 x n LSB
of the voltage RMS register. Assuming that the maximum
value from the Voltage RMS calculation is 1,898,124d with
full scale AC inputs, then 1 LSB of the voltage RMS offset
represents 0.07% of measurement error at -26dB down of full
scale.
V
V
VRMSOS
rms
rms
=+
×
0
64
where Vrmso is the RMS measurement without offset correc-
tion.
The voltage rms offset compensation should be done by
testing the rms results at two non-zero input levels. One
measurement can be done close to full scale and the other at
approximately Full scale/10. The voltage offset compensa-
tion can then be derived from these measurements - see
Calibration of a 3-phase meter based on the ADE7754.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com