Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B45AG-R24-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L16B45AG-R24-R
Description  Schmitt trigger input
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45AG-R24-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L16B45AG-R24-R Datasheet HTML 1Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 2Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 3Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 4Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 7Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 8Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
L16B45A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 12
www.unisonic.com.tw
QW-R102-071.a
MARKING
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground terminal for control logic and current sink
2
SDI
Serial-data input to the shift register
3
CLK
Clock input terminal for data shift on rising edge
4
LE
Data strobe input terminal
Serial data is transferred to the output latch when LE is high. The data is latched
when LE goes low.
5~20
0
OUT ~
15
OUT
Constant current output terminals
21
OE
Output enable terminal
When (active) low, the output drivers are enabled; when high, all output drivers are
turned OFF (blanked).
22
SDO
Serial-data output to the following SDI of next driver IC
23
R-EXT
Input terminal used to connect an external resistor for setting up output current for all
output channels
24
VDD
3.5V/5V supply voltage terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com