Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B45AG-R24-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L16B45AG-R24-R
Description  Schmitt trigger input
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45AG-R24-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L16B45AG-R24-R Datasheet HTML 1Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 2Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 3Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 4Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 7Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 8Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
L16B45A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 12
www.unisonic.com.tw
QW-R102-071.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
0~7.0
V
Input Voltage
VIN
-0.4~VDD+0.4
V
Output Current
IOUT
+45
mA
Output Voltage
VDS
-0.5~+17.0
V
GND Terminal Current
IGND
720
mA
Power Dissipation (On PCB, TA=25°C)
PD
1.37
W
Thermal Resistance (On PCB, TA=25°C)
θJA
91
°C/W
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
DC ELECTRICAL CHARACTERISTICS (VDD=5.0V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
4.5
5.0
5.5
V
Output Voltage
VDS
0
OUT ~
15
OUT
17.0
V
IOUT
DC Test Circuit
3
45
mA
IOH
SDO
-1.0
mA
Output Current
IOL
SDO
1.0
mA
“H” Level
VIH
TA=-40~85°C
0.7×VDD
VDD
V
Input Voltage
“L” Level
VIL
TA=-40~85°C
GND
0.3×VDD
V
Output Leakage Current
IOH
VDS=17.0V
0.5
μA
VOL
IOL=+1.0mA
0.4
V
Output Voltage SDO
VOH
IOH=-1.0mA
4.6
V
Output Current 1
IOUT1
VDS=1.0V, REXT=6000Ω
3.1
mA
Current Skew
dIOUT1
IOL=3.1mA, VDS=1.0V, REXT=6000Ω
±2.5
%
Output Current 2
IOUT2
VDS=1.0V, REXT=720Ω
25.8
mA
Current Skew
dIOUT2
IOL=25.8mA, VDS=1.0V, REXT=720Ω
±2
%
Output Current vs. Output
Voltage Regulation
%/dVDS VDS=1.0~3.0V
±0.1
%/V
Output Current vs. Supply
Voltage Regulation
%/dVDD VDD=4.5~5.5V
±1.0
%/V
Pull-Up Resistor
RIN(up) OE
250
500
800
KΩ
Pull-Down Resistor
RIN(down) LE
250
500
800
KΩ
IDD(off) 1 REXT=Open,
0
OUT ~
15
OUT
=Off
2
2.8
mA
IDD(off) 2 REXT=1240Ω,
0
OUT ~
15
OUT
=Off
4
4.8
mA
“OFF”
IDD(off) 3 REXT=620Ω,
0
OUT ~
15
OUT
=Off
6
6.8
mA
IDD(on) 1 REXT=1240Ω,
0
OUT ~
15
OUT
=On
5.2
8.2
mA
Supply Current
“ON”
IDD(on) 2 REXT=620Ω,
0
OUT ~
15
OUT
=On
6.5
9.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com