Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B45AG-R24-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L16B45AG-R24-R
Description  Schmitt trigger input
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45AG-R24-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L16B45AG-R24-R Datasheet HTML 1Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 2Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 3Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 4Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 7Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 8Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
L16B45A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 12
www.unisonic.com.tw
QW-R102-071.a
DC ELECTRICAL CHARACTERISTICS (VDD=3.3V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
3.0
3.3
4.5
V
Output Voltage
VDS
0
OUT ~
15
OUT
17.0
V
IOUT
DC Test Circuit
3
30
mA
IOH
SDO
-1.0
mA
Output Current
IOL
SDO
1.0
mA
“H” Level
VIH
TA=-40~85°C
0.7×VDD
VDD
V
Input Voltage
“L” Level
VIL
TA=-40~85°C
GND
0.3×VDD
V
Output Leakage Current
IOH
VDS=17.0V
0.5
μA
VOL
IOL=+1.0mA
0.4
V
Output Voltage
SDO
VOH
IOH=-1.0mA
2.9
V
Output Current 1
IOUT1
VDS=1.0V, REXT=6000Ω
3.1
mA
Current Skew
dIOUT1
IOL=3.1mA, VDS=1.0V, REXT=6000Ω
±2.5
%
Output Current 2
IOUT2
VDS=1.0V, REXT=720Ω
25.8
mA
Current Skew
dIOUT2
IOL=25.8mA, VDS=1.0V, REXT=720Ω
±2
%
Output Current vs. Output
Voltage Regulation
%/dVDS VDS=1.0~3.0V
±0.1
%/V
Output Current vs. Supply
Voltage Regulation
%/dVDD VDD=3.0~3.6V
±1.0
%/V
Pull-Up Resistor
RIN(up) OE
250
500
800
KΩ
Pull-Down Resistor
RIN(down) LE
250
500
800
KΩ
IDD(off) 1 REXT=Open,
0
OUT ~
15
OUT
=Off
1.7
2.3
mA
IDD(off) 2 REXT=1851Ω,
0
OUT ~
15
OUT
=Off
3.9
4.5
mA
“OFF”
IDD(off) 3 REXT=748Ω,
0
OUT ~
15
OUT
=Off
5.2
5.8
mA
IDD(on) 1 REXT=1851Ω,
0
OUT ~
15
OUT
=On
3.9
5.0
mA
Supply Current
“ON”
IDD(on) 2 REXT=748Ω,
0
OUT ~
15
OUT
=On
5.2
5.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com