Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B45AG-R24-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # L16B45AG-R24-R
Description  Schmitt trigger input
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45AG-R24-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button L16B45AG-R24-R Datasheet HTML 3Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 4Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 7Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 8Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 9Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 10Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
L16B45A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 12
www.unisonic.com.tw
QW-R102-071.a
SWITCHING ELECTRICAL CHARACTERISTICS (VDD=3.3V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
CLK-
n
2
OUT
50
70
ns
CLK-
1
+
n
2
OUT
tpLH1
35
55
ns
LE-
n
2
OUT
50
70
ns
LE-
1
+
n
2
OUT
tpLH2
35
55
ns
OE -
n
2
OUT
50
70
ns
OE -
1
+
n
2
OUT
tPLH3
35
55
ns
Propagation
Delay Time
(“L” to “H”)
CLK-SDO
tPLH
20
40
ns
CLK-
n
2
OUT
115
135
ns
CLK-
1
+
n
2
OUT
tpHL1
100
120
ns
LE-
n
2
OUT
115
135
ns
LE-
1
+
n
2
OUT
tpHL2
100
120
ns
OE -
n
2
OUT
105
125
ns
OE -
1
+
n
2
OUT
tpHL3
90
110
ns
Propagation
Delay Time
(“H” to “L”)
CLK-SDO
tpHL
20
40
ns
CLK
tw(CLK)
20
ns
LE
tw(L)
20
ns
Pulse Width
OE
tw(OE)
100
130
ns
Hold Time for LE
th(L)
30
ns
Setup Time for LE
tsu(L)
5
ns
Hold Time for SDI
th(D)
5
ns
Setup Time for SDI
tsu(D)
3
ns
Maximum CLK Rise Time
tr
500
ns
Maximum CLK Fall Time
tf
500
ns
SDO Rise Time
tr, SDO
10
ns
SDI Fall Time
tf, SDO
10
ns
Output Rise Time of IOUT
tor
40
ns
Output Fall Time of IOUT
tof
VDD=3.3V, VDS=1.0V, VIH=VDD, VIL=GND
Rext=930Ω, VL=3.0V, RL=100Ω, CL=10pF
65
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com