Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B45AG-R24-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L16B45AG-R24-R
Description  Schmitt trigger input
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45AG-R24-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L16B45AG-R24-R Datasheet HTML 1Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 2Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 3Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 4Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 7Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 8Page - Unisonic Technologies L16B45AG-R24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L16B45A
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 12
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R102-071.a
16-BIT CONSTANT CURRENT
LED SINK DRIVER
DESCRIPTION
The UTC L16B45A is designed for LED displays. UTC
L16B45A
contains a serial buffer and data latches which convert
serial input data into parallel output format. At UTC L16B45A
output stage, sixteen regulated current ports are designed to
provide uniform and constant current sinks for driving LEDs within
a large range of Vf variations.
UTC L16B45A provides users with great flexibility and device
performance while using UTC L16B45A in their system design for
LED display applications, e.g. LED panels. Users may adjust the
output current from 3mA to 45mA through an external resistor, Rext,
which gives users flexibility in controlling the light intensity of LEDs.
UTC L16B45A guarantees to endure maximum 17V at the output
port. The high clock frequency, 25MHz, also satisfies the system
requirements of high volume data transmission.
FEATURES
* 16 constant-current output channels
* Constant output current invariant to load voltage change:
Constant output current range:
3~45mA @ VDD=5V
3~30mA @ VDD=3.3V
* Excellent output current accuracy:
between channels: ±2.5% (max.),
between ICs: ±3.0% (max.)
* Output current adjusted through an external resistor
* Fast response of output current, OE (min.): 70ns @ VDD=3.3V
* 25MHz clock frequency
* Schmitt trigger input
* 3.3V/5V supply voltage
* Halogen Free
ORDERING INFORMATION
Ordering Number
Package
Packing
L16B45AG-R24-R
SSOP-24
Tape Reel


Similar Part No. - L16B45AG-R24-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L16B45 UTC-L16B45 Datasheet
274Kb / 11P
CMOS IC
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
16-BIT CONSTANT CURRENT LED SINK DRIVER
L16B45BG-R24-R UTC-L16B45BG-R24-R Datasheet
287Kb / 10P
16-BIT CONSTANT CURRENT LED SINK DRIVER
L16B45BL-R24-R UTC-L16B45BL-R24-R Datasheet
287Kb / 10P
16-BIT CONSTANT CURRENT LED SINK DRIVER
L16B45G-S24-R UTC-L16B45G-S24-R Datasheet
274Kb / 11P
CMOS IC
More results

Similar Description - L16B45AG-R24-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
Inverter with Schmitt-trigger Input
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
Inverter with Schmitt-trigger Input
logo
National Semiconductor ...
54LS13 NSC-54LS13 Datasheet
63Kb / 3P
DUAL 4-INPUT SCHMITT TRIGGER
logo
Renesas Technology Corp
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
Inverter with Schmitt-trigger Input
logo
ON Semiconductor
MC74VHC1G132DTT1G ONSEMI-MC74VHC1G132DTT1G Datasheet
123Kb / 6P
2-Input NAND Schmitt-Trigger
July, 2013 ??Rev. 21
logo
Xilinx, Inc
DS552 XILINX-DS552 Datasheet
331Kb / 14P
Optional Schmitt-trigger input
logo
ON Semiconductor
MC74VHC1G135 ONSEMI-MC74VHC1G135_18 Datasheet
206Kb / 14P
2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132_V01 Datasheet
172Kb / 14P
2-Input NAND Schmitt-Trigger
April, 2022 ??Rev. 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com