Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8532G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L8532G-S08-R
Description  Constant On Time PWM Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8532G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L8532G-S08-R Datasheet HTML 1Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 2Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 3Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 4Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 5Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 6Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 7Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
L8532
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R125-041..a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
MFP
The multi-function pin is connected to the internal error amplifier. By pulling this pin below
the Vuvp threshold, the controller is disabled. In addition, this pin also has an over voltage
comparator which will disable the controller in the event of a fault.
2
COMP
The COMP pin is the output of the internal error amplifier. A compensation network is
connected between this pin and ground to set the loop bandwidth. Normally this
bandwidth is set at a low frequency (typically 10Hz~20Hz) to achieve high power factor
and low total harmonic distortion (THD).
3
CT
The CT pin sources a regulated current to charge an external timing capacitor. The PWM
circuit controls the power switch on time by comparing the CT voltage to an internal
voltage derived from VControl. The CT pin discharges the external timing capacitor at the
end of the on time cycle.
4
CS
The CS input is used to sense the instantaneous switch current in the external MOSFET.
This signal is filtered by an internal leading edge blanking circuit.
5
ZCD
The voltage of an auxiliary zero current detection winding is sensed at this pin. When the
ZCD control block circuit detects that the winding has been demagnetized, a control
signal is sent to the gate drive block to turn on the external MOSFET.
6
GND
This is the analog ground for the device. All bypassing components should be connected
to the GND pin with a short trace length.
7
DRV
The high current capability of the totem pole gate drive (+0.5/-0.8 A) makes it suitable to
effectively drive high gate charge power MOSFETs. The driver stage provides both
passive and active pull down circuits that force the output to a voltage less than the
turn-on threshold voltage of the power MOSFET when VCC(on) is not reached.
8
VCC
This pin is the positive supply of the controller. The circuit starts to operate when VCC
exceeds VCC(on), nominally 12V and turns off when VCCgoes below VCC(off), typically 9.5V.
After startup, the operating range is 10.2V up to 20V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com