Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8532G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L8532G-S08-R
Description  Constant On Time PWM Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8532G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L8532G-S08-R Datasheet HTML 1Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 2Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 3Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 4Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 5Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 6Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 7Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L8532
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R125-041.a
POWER FACTOR CORRECTED
DIMMABLE LED DRIVER
DESCRIPTION
The UTC L8532 is a switch mode power supply controller
intended for low to medium power single stage power factor (PF)
corrected LED Drivers. The device is designed to operate in
critical conduction mode (CrM) and is suitable for flyback as well
as buck topologies. Constant on time CrM operation is particularly
suited for isolated flyback LED applications as the control scheme
is straightforward and very high efficiency can be achieved even
at low power levels. These are important in LED lighting to
comply with regulatory requirements and meet overall system
luminous efficacy requirements. In CrM, the switching frequency
will vary with line and load and switching losses are low as
recovery losses in the output rectifier are negligible since the
current goes to zero prior to reactivating the main MOSFET
switch.
The device features a programmable on time limiter, zero
current detect sense block, gate driver, trans-conductance error
amplifier as well as all PWM control circuitry and protection
functions required to implement a CrM switch mode power
supply. Moreover, for high efficiency, the device features low
startup current enabling fast, low loss charging of the VCC
capacitor. The current sense protection threshold has been set at
500 mV to minimize power dissipation in the external sense
resistor. To support the environmental operation range of Solid
State Lighting, the device is specified across a wide junction
temperature range of -40°C ~125°C.
FEATURES
* Very Low 24μA Typical Startup Current
* Constant On Time PWM Control
* Cycle-by-Cycle Current Protection
* Low Current Sense Threshold of 500mV
* Low 2mA Typical Operating Current
* Source 500mA/Sink 800mA Totem Pole Gate Driver
* Reference Design for TRIAC and Trailing Edge Line Dimmers
* Wide Operating Temperature Range
* No Input Voltage Sensing Requirement
* Enable Function and Overvoltage Protection
SOP-8


Similar Part No. - L8532G-S08-R

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8506 HAMAMATSU-L8506 Datasheet
106Kb / 2P
Infrared LED
logo
Texas Instruments
L8543SQ TI1-L8543SQ Datasheet
650Kb / 36P
SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
L8545SQ TI1-L8545SQ Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
logo
Rectron Semiconductor
L8550 RECTRON-L8550 Datasheet
454Kb / 3P
SEMICONDUCTOR
logo
Leshan Radio Company
L8550HPLT1 LRC-L8550HPLT1 Datasheet
52Kb / 3P
General Purpose Transistors NPN Silicon
More results

Similar Description - L8532G-S08-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
3A, Constant On Time Buck Regulator
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Analog Devices
ADP1882 AD-ADP1882 Datasheet
1Mb / 40P
Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
REV. 0
logo
Shindengen Electric Mfg...
MTD2003F SHINDENGEN-MTD2003F_10 Datasheet
236Kb / 4P
Constant Current Control Function (Fixed Frequency PWM Control)
logo
Analog Devices
ADP1872 AD-ADP1872 Datasheet
67Kb / 1P
Synchronous Current-Mode with Constant On-time, PWM Buck
Rev. PrA
logo
ON Semiconductor
NCL30105 ONSEMI-NCL30105 Datasheet
623Kb / 22P
Constant Off Time PWM Current-Mode Controller
May, 2012 ??Rev. 2
logo
STMicroelectronics
PM6675 STMICROELECTRONICS-PM6675 Datasheet
656Kb / 47P
Very fast load transient response using constant on-time control loop
31-Jan-2007
PM6686 STMICROELECTRONICS-PM6686 Datasheet
1Mb / 50P
Constant ON-time control
23-Jul-2009
logo
Shindengen Electric Mfg...
MTD2005 SHINDENGEN-MTD2005_17 Datasheet
246Kb / 6P
Constant Current Control Function (Fixed Frequency PWM Control)
MTD2005F SHINDENGEN-MTD2005F_17 Datasheet
272Kb / 6P
Constant Current Control Function (Fixed Frequency PWM Control)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com