Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8532G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L8532G-S08-R
Description  Constant On Time PWM Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8532G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  L8532G-S08-R Datasheet HTML 1Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 2Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 3Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 4Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 5Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 6Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 7Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
L8532
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R125-041..a
ELECTRICAL CHARACTERISTICS
VMFP=2.4V, VControl= 4V, Ct=1nF, VCS=0V, VZCD=0V, CDRV=1nF, VCC=12V, unless otherwise specified (For typical
values, TJ=25°C. For min/max values, TJ=-40°C~125°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STARTUP AND SUPPLY CIRCUITS
Startup Voltage Threshold
VCC(on)
VCC Increasing
11
12
12.5
V
Minimum Operating Voltage
VCC(off)
VCC Decreasing
8.8
9.5
10.2
V
Supply Voltage Hysteresis
HUVLO
2.2
2.5
2.8
V
Startup Current Consumption
ICC(startup)
0V<VCC <VCC(on) -200 mV
24
35
uA
No Load Switching Current
Consumption
ICC1
CDRV=Open, 70kHz Switching, VCS
=2V
1.4
1.7
mA
Switching Current Consumption
ICC2
70kHz Switching, VCS=2V
2.1
2.6
mA
Fault Condition Current
Consumption
ICC(fault)
No Switching, VMFP=0V
0.75
0.95
mA
Overvoltage And Undervoltage Protection
Overvoltage Detect Threshold
VOVP/VREF VMFP= Increasing
105
106
108
%
Overvoltage Hysteresis
VOVP(HYS)
20
60
100
mV
Overvoltage Detect Threshold
Propagation Delay
tOVP
VMFP=2~3V ramp, dV/dt=1V/us,
VMFP=VOVP to VDRV=10%
500
800
ns
Undervoltage Detect Threshold
VUVP
VMFP=Decreasing
0.25
0.31
0.4
V
Undervoltage Detect Threshold
Propagation Delay
tUVP
VMFP=1~0V ramp, dV/dt=10V/us,
VMFP=VUVP to VDRV= 10%
100
200
300
ns
ERROR AMPLIFIER
TJ=25°C
2.475
2.500
2.525
Voltage Reference
VRER
TJ=-40°C~125°C
2.460
2.500
2.540
V
Voltage Reference Line
Regulation
VREF(line)
VCC(on)+200mV<VCC<20V
-10
10
mV
IEA(sink)
VMFP=2.6V
6
10
20
IEA(sink)OVP VMFP=1.08×VREF
20
30
40
Error Amplifier Current
Capability
IEA(source)
VMFP=0.5V
-110
-280
-350
uA
VMFP=2.4~2.6V, TJ= 25°C
90
110
120
Transconductance
gm
VMFP=2.4~2.6V, TJ= -40~125°C
70
110
135
us
Feedback Pin Internal
Pull−Down Resistor
RMFP
VMFP=VUVP to VREF
1
10
MΩ
Feedback Bias Current
IMFP
VMFP=2.5V
1
1.3
1.6
uA
Control Bias Current
IControl
VMFP=0V
-1
1
uA
Maximum Control Voltage
VEAH
IControl(pullup)=10uA, VMFP=VREF
5
5.5
6
V
Minimum Control Voltage to
Generate Drive Pulses
Ct(offset)
VControl=Decreasing until VDRV is low,
VCt= 0V
0.37
0.65
0.88
V
Control Voltage Range
VEA(DIFF)
VEAH-Ct(offset)
4.5
4.9
5.3
V
RAMP CONTROL
Ct Peak Voltage
VCt(MAX)
VCOMP=open
4.775
4.93
5.025
V
On Time Capacitor Charge
Current
Icharge
VCOMP=open,
VCt= 0V to VCt(MAX)
235
275
297
uA
Ct Capacitor Discharge Duration tCt(discharge)
VCOMP=open,
VCt=VCt(MAX) -100~500mV
50
150
ns
PWM Propagation Delay
tPWM
dV/dt=30V/us,
VCt=VControl-Ct(offset) to VDRV=10%
550
600
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com