Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8532G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L8532G-S08-R
Description  Constant On Time PWM Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8532G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L8532G-S08-R Datasheet HTML 1Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 2Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 3Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 4Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 5Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 6Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 7Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
L8532
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R125-041..a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
MFP Voltage
VMFP
-0.3~10
V
MFP Current
IMFP
±10
mA
COMP Voltage
VControl
-0.3~6.5
V
COMP Current
IControl
-2~10
mA
Ct Voltage
VCt
-0.3~6
V
Ct Current
ICt
±10
mA
CS Voltage
VCS
-0.3~6
V
CS Current
ICS
±10
mA
ZCD Voltage
VZCD
-0.3~10
V
ZCD Current
IZCD
±10
mA
DRV Voltage
VDRV
-0.3~VCC
V
DRV Sink Current
IDRV(sink)
800
mA
DRV Source Current
IDRV(source)
500
mA
Supply Voltage
VCC
-0.3~20
V
Supply Current
ICC
±20
mA
Power Dissipation
(TA =70°C, 2.0 Oz Cu, 55 mm
2 Printed Circuit Copper Clad)
PD
450
mW
Operating Junction Temperature Range
TJ
-40~125
°C
Maximum Junction Temperature
TJ(MAX)
150
°C
Storage Temperature Range
TSTG
-65~150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. As mounted on a 40×40×1.5mm FR4 substrate with a single layer of 650 mm
2 of 2 oz copper traces and
heat spreading area.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
178
°С/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com