Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8532G-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # L8532G-S08-R
Description  Constant On Time PWM Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8532G-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  L8532G-S08-R Datasheet HTML 1Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 2Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 3Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 4Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 5Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 6Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 7Page - Unisonic Technologies L8532G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
L8532
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R125-041..a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZERO CURRENT DETECTION
ZCD Arming Threshold
VZCD(ARM)
VZCD=Increasing
1.25
1.4
1.55
V
ZCD Triggering Threshold
VZCD(TRIG) VZCD=Decreasing
0.6
0.7
0.83
V
ZCD Hysteresis
VZCD(HYS)
500
700
900
mV
ZCD Bias Current
IZCD
VZCD= 5V
-2
+2
uA
Positive Clamp Voltage
VCL(POS)
IZCD=3mA
16
18
20
V
Negative Clamp Voltage
VCL(NEG)
IZCD=-2mA
-0.9
-0.7
-0.5
V
ZCD Propagation Delay
tZCD
VZCD=2V~0V ramp,
dV/dt=20V/us,
VZCD=VCD(TRIG) o VDRV= 90%
200
270
ns
Minimum ZCD Pulse Width
tSYNC
70
ns
Maximum Off Time in Absence
of ZCD Transition
tstart
Falling VDRV=10% to Rising,
DRV=90%
75
165
300
us
DRIVE
ROH
Isource=100mA
12
20
Drive Resistance
ROL
ISINK=100mA
6
13
Ω
Rise Time
trise
10%~90%
35
80
ns
Fall Time
tfall
90% to 10%
25
70
ns
Drive Low Voltage
Vout(start)
VCC=VCC(on)-200mV,
Isink=10mA
0.2
V
CURRENT SENSE
Current Sense Voltage
Threshold
VILIM
0.45
0.5
0.55
V
Leading Edge Blanking Duration
tLEB
VCS=2V, VDRV= 90%~10%
100
195
350
ns
Overcurrent Detection
Propagation Delay
tCS
dV/dt=10V/us,
VCS=VILIM to VDRV= 10%
40
100
170
ns
Current Sense Bias Current
ICS
VCS= 2 V
-1
1
uA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com