Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327LP Datasheet(PDF) 33 Page - ELM Electronics

Part # ELM327LP
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LP Datasheet(HTML) 33 Page - ELM Electronics

Back Button ELM327LP Datasheet HTML 29Page - ELM Electronics ELM327LP Datasheet HTML 30Page - ELM Electronics ELM327LP Datasheet HTML 31Page - ELM Electronics ELM327LP Datasheet HTML 32Page - ELM Electronics ELM327LP Datasheet HTML 33Page - ELM Electronics ELM327LP Datasheet HTML 34Page - ELM Electronics ELM327LP Datasheet HTML 35Page - ELM Electronics ELM327LP Datasheet HTML 36Page - ELM Electronics ELM327LP Datasheet HTML 37Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 94 page
background image
33 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Talking to the Vehicle (continued)
That is because rpm is sent in increments of 1/4 rpm!
To convert to the actual engine speed, we need to
divide the 6904 by 4. A value of 1726 rpm is much
more reasonable.
Note that these examples asked the vehicle for
information without regard for the type of OBD protocol
that the vehicle uses. This is because the ELM327
takes care of all of the data formatting and translation
for you. Unless you are going to do more advanced
functions, there is really no need to know what the
protocol is.
The above examples showed only a single line of
response for each request, but the replies often
consist of several separate messages, either from
multiple ECUs responding, or from one ECU providing
messages that need to be combined to form one
response (see ‘Multiline Responses’ on page 43). In
order to be adaptable to this variable number of
responses, the ELM327 normally waits to see if any
more are coming. If no response arrives within a
certain time, it assumes that the ECU is finished. This
same timer is also used when waiting for the first
response, and if that never arrives, causes ‘NO DATA’
to be printed.
There is a way to speed up the retrieval of
information, if you know how many responses will be
sent. By telling the ELM327 how many lines of data to
receive, it knows when it is finished, so does not have
to go through the final timeout, waiting for data that is
not coming. Simply add a single hex digit after the
OBD request bytes - the value of the digit providing the
maximum number of responses to obtain, and the
ELM327 does the rest. For example, if you know that
there is only one response coming for the engine
temperature request that was previously discussed,
you can send:
>01 05 1
and the ELM327 will return immediately after obtaining
only one response. This may save a considerable
amount of time, as the default time for the AT ST timer
is 200 msec. (The ELM327 still sets the timer after
sending the request, but that is only in case the single
response does not arrive.)
Some protocols (like J1850 PWM) require an
acknowledgement
from
the
ELM327
for
every
message sent. If you provide a number for the
responses that is too small, the ELM327 will return to
the prompt too early, and you may cause bus
congestion while the ECU tries several times to resend
the messages that were not acknowledged. For this
reason, you must know how many responses to
expect before using this feature.
As an example, consider a request for the vehicle
identification number (VIN). This number is 17 digits
long, and typically takes 5 lines of data to be
represented. It is obtained with mode 09, PID 02, and
should be requested with:
>09 02
or with:
>09 02 5
if you know that there are five lines of data coming. If
you should mistakenly send 09 02 1, you might cause
problems.
This ability to specify the number of responses
was really added with the programmer in mind. An
interface routine can determine how many responses
to expect for a specific request, and then store that
information for use with subsequent requests. That
number can then be added to the requests and the
response time can be optimized. For an individual
trying to obtain a few trouble codes, the savings are
not really worth the trouble, and it’s easiest to just
make
a
request,
without
regard
to
how
many
responses are expected.
We offer one additional warning when trying to
optimize the speed at which you obtain information
from vehicles. Prior to the APR2002 release of the
J1979
standard,
sending
J1850
requests
more
frequently than every 100 msec was forbidden. With
the APR2002 update, scan tools were allowed to send
the next request without delay if it was determined that
all the responses to the previous request had been
received. Vehicles made prior to this time may not be
able to tolerate requests at too fast a rate, so use
caution with them.
Hopefully this has shown how typical requests are
made using the ELM327. If you are looking for more
information on modes and PIDs, it is available from
the SAE (www.sae.org), from ISO (www.iso.org), or
from various other sources on the web.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com