Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327LP Datasheet(PDF) 10 Page - ELM Electronics

Part # ELM327LP
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LP Datasheet(HTML) 10 Page - ELM Electronics

Back Button ELM327LP Datasheet HTML 6Page - ELM Electronics ELM327LP Datasheet HTML 7Page - ELM Electronics ELM327LP Datasheet HTML 8Page - ELM Electronics ELM327LP Datasheet HTML 9Page - ELM Electronics ELM327LP Datasheet HTML 10Page - ELM Electronics ELM327LP Datasheet HTML 11Page - ELM Electronics ELM327LP Datasheet HTML 12Page - ELM Electronics ELM327LP Datasheet HTML 13Page - ELM Electronics ELM327LP Datasheet HTML 14Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
Communicating with the ELM327 (continued)
question mark. These include incomplete messages,
incorrect AT commands, or invalid hexadecimal digit
strings, but are not an indication of whether or not the
message was understood by the vehicle. One must
keep in mind that the ELM327 is a protocol interpreter
that makes no attempt to assess the OBD messages
that you send for validity – it only ensures that
hexadecimal digits were received, combined into
bytes, then sent out the OBD port, and it does not
know if a message sent to the vehicle was in error.
While processing OBD commands, the ELM327
will continually monitor for either an active RTS input,
or an RS232 character received. Either one will
interrupt the IC, quickly returning control to the user,
while possibly aborting any initiation, etc. that was in
progress. After generating a signal to interrupt the
ELM327, software should always wait for either the
prompt character (‘>’ or hex 3E), or a low level on the
Busy output before beginning to send the next
command.
Finally, it should be noted that the ELM327 is not
case-sensitive, so the commands ‘ATZ’, ‘atz’, and
‘AtZ’ are all exactly the same to the ELM327. All
commands may be entered as you prefer, as no one
method is faster or better. The ELM327 also ignores
space characters and all control characters (tab, etc.),
so they can be inserted anywhere in the input if that
improves readability.
One other feature of the ELM327 is the ability to
repeat any command (AT or OBD) when only a single
carriage return character is received. If you have sent
a command (for example, 01 0C to obtain the rpm),
you do not have to resend the entire command in
order to resend the request to the vehicle - simply
send a carriage return character, and the ELM327 will
repeat the command for you. The memory buffer only
remembers one command though, and there is no
provision in the current ELM327 to provide storage for
any more.
10 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Please Note:
An issue with the EUSART used in a previous version of the ELM327 resulted in the
possibilty of NULL characters (byte value 00) being inserted into the RS232 data. This
was very rare, but we recommended that software filter for NULL characters and remove
them if found. Although there are no known issues with the ELM327L’s EUSART, we still
recommend that all NULL characters be fitered from data that is received from the
ELM327L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com