Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327LP Datasheet(PDF) 52 Page - ELM Electronics

Part # ELM327LP
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LP Datasheet(HTML) 52 Page - ELM Electronics

Back Button ELM327LP Datasheet HTML 48Page - ELM Electronics ELM327LP Datasheet HTML 49Page - ELM Electronics ELM327LP Datasheet HTML 50Page - ELM Electronics ELM327LP Datasheet HTML 51Page - ELM Electronics ELM327LP Datasheet HTML 52Page - ELM Electronics ELM327LP Datasheet HTML 53Page - ELM Electronics ELM327LP Datasheet HTML 54Page - ELM Electronics ELM327LP Datasheet HTML 55Page - ELM Electronics ELM327LP Datasheet HTML 56Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 94 page
background image
Using Higher RS232 Baud Rates (continued)
* the 75 msec time is adjustable
with the AT BRT hh command
The sequence begins with the PC making a
request for a new baud rate divisor, with the BRD
command. For example, to try the 57.6K rate that was
previously discussed, the controlling PC would send:
AT BRD 45
If the ELM327 firmware is a very old version, it will
not support this command and will return with the
familiar ‘?’ response. If it does support the command, it
will respond with ‘OK’, so the software knows whether
to proceed or not. No prompt character follows the
‘OK’ reply; it is followed only by a carriage return
character (and optionally, a linefeed character).
Having sent the ‘OK’, the ELM327 then switches
to the new (proposed) baud rate, and then simply
waits the time set by the BRT command (it is 75 msec
by default). This period is to allow the PC sufficient
time to change its baud rate. When the time is up, the
ELM327 then sends the ID string (currently ‘ELM327
v2.1’) to the PC at the new baud rate (followed by a
carriage return character and optionally, a linefeed
character) and waits for a response.
Knowing that it should receive the ELM327 ID
string, the PC software compares what was actually
received to what was expected. If they match, the PC
responds with a carriage return character, but if there
is a problem, the PC sends nothing. The ELM327 is
meanwhile waiting for a valid carriage return character
to arrive. If it does (within 75 msec), the proposed
baud rate is retained, and the ELM327 says ‘OK’ at
this new rate. If it does not see a carriage return in the
75 msec ‘window’, the baud rate will revert back to the
original rate. Note that the PC might correctly output
the carriage return at this new rate, but the interface
circuitry could corrupt the character, and the ELM327
might not see a valid response, so your software must
check for an ‘OK’ response before assuming that the
new rate has been accepted.
Using this method, a program can quickly try
several baud rates, and determine the most suitable
one for the connected hardware. The new baud rate
will stay in effect until reset by an AT Z, a Power
off/on, or a MCLR input. It is not affected by the AT D
(set Defaults), or AT WS (Warm Start) commands.
Request for a new
baud rate divisor:
AT BRD hh
ELM327 responds
with ‘OK’
(if it is supported)
ELM327 sends
the AT I string
Program switches to
the new baud rate,
and waits for input
ELM327 waits
up to 75 msec*
for a carriage return
If the Rx is good,
Program sends a
carriage return
ELM327 says ‘OK’
(and remains at the
new baud setting)
Baud rate reverts
to the previous
baud rate
PC
ELM327
CR
received
?
yes
no
Print a prompt,
and wait for the
next command
ELM327 switches to
new baud rate and
waits for 75 msec*
ELM327L
52 of 94
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com