Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327LP Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM327LP
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LP Datasheet(HTML) 4 Page - ELM Electronics

  ELM327LP Datasheet HTML 1Page - ELM Electronics ELM327LP Datasheet HTML 2Page - ELM Electronics ELM327LP Datasheet HTML 3Page - ELM Electronics ELM327LP Datasheet HTML 4Page - ELM Electronics ELM327LP Datasheet HTML 5Page - ELM Electronics ELM327LP Datasheet HTML 6Page - ELM Electronics ELM327LP Datasheet HTML 7Page - ELM Electronics ELM327LP Datasheet HTML 8Page - ELM Electronics ELM327LP Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
ELM327L
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Pin Descriptions
4 of 94
MCLR (pin 1)
A momentary (>2µsec) logic low applied to this input
will reset the ELM327. If unused, this pin should be
connected to a logic high (VDD) level.
Vmeasure (pin 2)
This analog input is used to measure a 0 to 5V
signal that is applied to it. Care must be taken to
prevent the voltage from going outside of the supply
levels of the ELM327, or damage may occur. If it is
not used, this pin should be tied to either VDD or VSS.
J1850 Volts (pin 3)
This output can be used to control a voltage supply
for the J1850 Bus+ output. The pin normally outputs
a logic high level when a nominal 8V is required (for
J1850 VPW), and a low level for 5V (for J1850
PWM), but this can be changed with PP 12. The total
current into or from pin 3 must not exceed 2 mA.
J1850 Bus+ (pin 4)
This active high output is used to drive the
J1850 Bus+ Line to an active (low) level. The total
current into or from pin 4 must not exceed 2 mA.
Memory (pin 5)
This input controls the default state of the memory
option. If this pin is at a high level during power-up or
reset, the memory function will be enabled by
default. If it is at a low level, then the default will be
to have it disabled. Memory can always be enabled
or disabled with the AT M1 and AT M0 commands.
This input has Schmitt trigger waveshaping.
Filter Cap (pin 6)
The ELM327L requires that a 10µF filter capacitor be
connected between pin 6 and VSS. The capacitor
should be a low ESR (<5
Ω) ceramic or tantalum
type.
The ELM327 uses pin 6 for setting the initial baud
rate after power on. Since this option is not available
with the ELM327L, it defaults to an initial baud rate
of 38400 bps. If you require 9600 bps, you must set
PP 0C to 00.
LFmode (pin 7)
This input is used to select the default linefeed mode
to be used after a power-up or system reset. If it is at
a high level, then by default messages sent by the
ELM327 will be terminated with both a carriage
return and a linefeed character. If it is at a low level,
lines will be terminated by a carriage return only.
This behaviour can always be modified by issuing an
AT L1 or AT L0 command. This input has Schmitt
trigger waveshaping.
VSS (pin 8)
Circuit common must be connected to this pin.
XT1 (pin 9) and XT2 (pin 10)
A 4.000 MHz oscillator crystal is connected between
these two pins. Loading capacitors as required by
the crystal (typically 27pF each) will also need to be
connected between each of these pins and circuit
common (Vss).
Note that this device has not been configured for
operation with an external oscillator – it expects a
crystal to be connected to these pins. Use of an
external clock source is not recommended. Also,
note that this oscillator is turned off when in the Low
Power or ‘standby’ mode of operation.
VPW In (pin 11)
This is the active high input for the J1850 VPW data
signal. When at rest (bus recessive) this pin should
be at a low logic level. This input has Schmitt trigger
waveshaping, so no special amplification is required.
ISO In (pin 12)
This is the active low input for the ISO 9141 and
ISO 14230 data signal. It is derived from the K Line,
and should be at a high logic level when at rest (bus
recessive). No special amplification is required, as
this input has Schmitt trigger waveshaping.
PWM In (pin 13)
This is the active low input for the J1850 PWM data
signal. It should normally be at a high level when at
rest (ie. bus recessive). This input has Schmitt
trigger waveshaping, so no special amplification is
required.
J1850 Bus- (pin 14)
This active high output is used to drive the J1850
Bus- Line to an active (dominant) level for J1850
PWM applications.
ELM327L DSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com